Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6220 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE6220
Description  Smart Quad Low-Side Switch???
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6220 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6220 Datasheet HTML 2Page - Infineon Technologies AG TLE6220 Datasheet HTML 3Page - Infineon Technologies AG TLE6220 Datasheet HTML 4Page - Infineon Technologies AG TLE6220 Datasheet HTML 5Page - Infineon Technologies AG TLE6220 Datasheet HTML 6Page - Infineon Technologies AG TLE6220 Datasheet HTML 7Page - Infineon Technologies AG TLE6220 Datasheet HTML 8Page - Infineon Technologies AG TLE6220 Datasheet HTML 9Page - Infineon Technologies AG TLE6220 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet TLE 6220 GP
V1.1
Page
26.Aug. 2002
6
Functional Description
The TLE 6220 GP is an quad-low-side power switch which provides a serial peripheral inter-
face (SPI) to control the 4 power DMOS switches, as well as diagnostic feedback. The power
transistors are protected against short to VBB, overload, overtemperature and against over-
voltage by an active zener clamp.
The diagnostic logic recognises a fault condition which can be read out via the serial diagnos-
tic output (SO).
Circuit Description
Power Transistor Protection Functions
9)
Each of the four output stages has its own zener clamp, which causes a voltage limitation at
the power transistor when solenoid loads are switched off. The outputs are provided with a
current limitation set to a minimum of 3 A. The continuous current for each channel is 1A (all
channels ON; depending on cooling).
Each output is protected by embedded protection functions. In the event of an overload or
short to supply, the current is internally limited and the corresponding bit combination is set
(early warning). If this operation leads to an overtemperature condition, a second protection
level (about 170 °C) will change the output into a low duty cycle PWM (selective thermal shut-
down with restart) to prevent critical chip temperatures.
SPI Signal Description
CS
- Chip Select. The system microcontroller selects the TLE 6220 GP by means of the CS
pin. Whenever the pin is in a logic low state, data can be transferred from the µC and vice
versa.
CS
High to Low transition: - Diagnostic status information is transferred from the power
outputs into the shift register.
- Serial input data can be clocked in from then on.
- SO changes from high impedance state to logic high or low
state corresponding to the SO bits.
CS
Low to High transition: - Transfer of SI bits from shift register into output buffers
- Reset of diagnosis register.
To avoid any false clocking the serial clock input pin SCLK should be logic low state during
high to low transition of CS . When CS is in a logic high state, any signals at the SCLK and SI
pins are ignored and SO is forced into a high impedance state.
9 )
The integrated protection functions prevent an IC destruction under fault conditions and may not be used in normal operation or perma-
nently
.


Similar Part No. - TLE6220

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6220GP INFINEON-TLE6220GP Datasheet
304Kb / 19P
   Smart Quad Low-Side Switch Short Circuit Protection
V2.1 2007-05-03
TLE6220GP INFINEON-TLE6220GP Datasheet
378Kb / 19P
   Smart Quad Low-Side Switch
V2.2 2009-11-18
TLE6220GP INFINEON-TLE6220GP_07 Datasheet
304Kb / 19P
   Smart Quad Low-Side Switch Short Circuit Protection
V2.1 2007-05-03
TLE6220GP INFINEON-TLE6220GP_09 Datasheet
378Kb / 19P
   Smart Quad Low-Side Switch
V2.2 2009-11-18
More results

Similar Description - TLE6220

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67006-A9315 INFINEON-Q67006-A9315 Datasheet
740Kb / 17P
   Smart Quad Low-Side Switch
V1.1 26.Aug. 2002
TLE6220GP INFINEON-TLE6220GP_09 Datasheet
378Kb / 19P
   Smart Quad Low-Side Switch
V2.2 2009-11-18
TLE6225G INFINEON-TLE6225G Datasheet
238Kb / 9P
   Smart Quad Low-Side Switch?
V2.1 26.Aug. 2002 1
TLE6216G INFINEON-TLE6216G Datasheet
267Kb / 17P
   Smart Quad Channel Low-Side Switch
V7.1 18.10.02
TLE6228GP INFINEON-TLE6228GP_10 Datasheet
1Mb / 19P
   Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE6217G INFINEON-TLE6217G Datasheet
207Kb / 20P
   Smart Quad Channel Low-Side Switch
V5 30. 07. 2002
TLE6217G INFINEON-TLE6217G_08 Datasheet
391Kb / 19P
   Smart Quad Channel Low-Side Switch
Rev. 6.1, 2008-04
TLE6228GP INFINEON-TLE6228GP Datasheet
753Kb / 18P
   Smart Quad Channel Low-Side Switch?
V3.1 26. Aug. 2002 1
logo
Siemens Semiconductor G...
TLE5216G SIEMENS-TLE5216G Datasheet
88Kb / 17P
   Smart Quad Channel Low-Side Switch
TLE5226G SIEMENS-TLE5226G Datasheet
196Kb / 13P
   Smart Quad Channel Low-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com