Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F74 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F74
Description  Dual D-Type Positive Edge-Triggered Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F74 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F74 Datasheet HTML 1Page - National Semiconductor (TI) 74F74 Datasheet HTML 2Page - National Semiconductor (TI) 74F74 Datasheet HTML 3Page - National Semiconductor (TI) 74F74 Datasheet HTML 4Page - National Semiconductor (TI) 74F74 Datasheet HTML 5Page - National Semiconductor (TI) 74F74 Datasheet HTML 6Page - National Semiconductor (TI) 74F74 Datasheet HTML 7Page - National Semiconductor (TI) 74F74 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9469
December 1994
54F74F74
Dual D-Type Positive Edge-Triggered Flip-Flop
General Description
The ’F74 is a dual D-type flip-flop with Direct Clear and Set
inputs and complementary (Q Q) outputs Information at the
input is transferred to the outputs on the positive edge of
the clock pulse Clock triggering occurs at a voltage level of
the clock pulse and is not directly related to the transition
time of the positive-going pulse After the Clock Pulse input
threshold voltage has been passed the Data input is locked
out and information present will not be transferred to the
outputs until the next rising edge of the Clock Pulse input
Asynchronous Inputs
LOW input to SD sets Q to HIGH level
LOW input to CD sets Q to LOW level
Clear and Set are independent of clock
Simultaneous LOW on CD and SD
makes both Q and Q HIGH
Features
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F74PC
N14A
14-Lead (0300 Wide) Molded Dual-In-Line
54F74DM (Note 2)
J14A
14-Lead Ceramic Dual-In-Line
74F74SC (Note 1)
M14A
14-Lead (0150 Wide) Molded Small Outline JEDEC
74F74SJ (Note 1)
M14D
14-Lead (0300 Wide) Molded Small Outline EIAJ
54F74FM (Note 2)
W14B
14-Lead Cerpack
54F74LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use Suffix e SCX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
TLF9469 – 3
TLF9469 – 4
IEEEIEC
TLF9469 – 6
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74F74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Fairchild Semiconductor
74F74 FAIRCHILD-74F74 Datasheet
74Kb / 7P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Nexperia B.V. All right...
74F74 NEXPERIA-74F74 Datasheet
209Kb / 9P
   Dual D-type flip-flop
1996 Mar 12
logo
Fairchild Semiconductor
74F74PC FAIRCHILD-74F74PC Datasheet
74Kb / 7P
   Dual D-Type Positive Edge-Triggered Flip-Flop
74F74PCX FAIRCHILD-74F74PCX Datasheet
74Kb / 7P
   Dual D-Type Positive Edge-Triggered Flip-Flop
More results

Similar Description - 74F74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
   DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
Unisonic Technologies
U74AC74 UTC-U74AC74_15 Datasheet
170Kb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Texas Instruments
SN74LVC2G80 TI1-SN74LVC2G80_16 Datasheet
888Kb / 18P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com