Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6255G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE6255G
Description  Single Wire CAN-Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6255G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE6255G Datasheet HTML 6Page - Infineon Technologies AG TLE6255G Datasheet HTML 7Page - Infineon Technologies AG TLE6255G Datasheet HTML 8Page - Infineon Technologies AG TLE6255G Datasheet HTML 9Page - Infineon Technologies AG TLE6255G Datasheet HTML 10Page - Infineon Technologies AG TLE6255G Datasheet HTML 11Page - Infineon Technologies AG TLE6255G Datasheet HTML 12Page - Infineon Technologies AG TLE6255G Datasheet HTML 13Page - Infineon Technologies AG TLE6255G Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TLE 6255 G
Data Sheet Rev. 2.5
10
2003-11-27
9
Electrical Characteristics
5.5 V <
V
batt < 16 V; 4.75 V < VCC < 5.25 V; – 40 °C< Tj <150 °C; M0 = M1 = H;
R
UL= 9.1 kΩ (connected between CANH and LOAD); RRSL =39kΩ; all voltages with
respect to ground; positive current defined flowing into pin; unless otherwise specified
Parameter
Sym-
bol
Limit Values
Unit Test Condition
min.
typ. max.
Current Consumption
Supply current at
V
batt;
sleep mode
I
batt
–20
40
µAM0 = M1 = L;
Supply current at
V
CC;
sleep mode
I
CC
–10
30
µAM0 = M1 = L;
Supply current at
V
batt
I
batt
–3
6
mA TxD = L
Supply current at
V
batt
I
batt
–1.5 3
mA TxD = H
Supply current at
V
batt
I
batt
–5
9
mA TxD = L; M0 = L
Supply current at
V
batt
I
batt
4
6
mA TxD =H; M0 =L
Supply current at
V
CC
I
CC
3
5
mA TxD = H or L;
M0 = H or L
Over- and Under Voltage Lockout
UV Switch ON voltage
V
UVON
–5.2 5.6
V
V
batt increasing;
V
CC = 5 V
UV Switch OFF voltage
V
UVOFF
4.00
4.6 5.1
V
V
batt decreasing;
V
CC =5 V
UV ON/OFF
Hysteresis
V
UVHY
–0.6 –
V
V
UVON VUVOFF
OV Switch OFF
voltage
V
OVOFF
30
33
38
V
V
batt increasing
OV Switch ON voltage
V
OVON
28
32
36
V
V
batt decreasing
OV ON/OFF
Hysteresis
V
OVHY
0.2
2
V
V
OVOFF VOVON


Similar Part No. - TLE6255G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
TLE6250 INFINEON-TLE6250 Datasheet
544Kb / 26P
   High Speed CAN-Transceiver
Rev. 4.0, April 2008
TLE6250 INFINEON-TLE6250 Datasheet
934Kb / 24P
   High Speed CAN-Transceiver
Rev. 4.1 2017-03-15
TLE6250 INFINEON-TLE6250 Datasheet
769Kb / 24P
   High Speed CAN-Transceiver
Rev. 4.2
TLE6250C INFINEON-TLE6250C Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
More results

Similar Description - TLE6255G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_17 Datasheet
208Kb / 24P
   Single Wire CAN Transceiver
January, 2017 ??Rev. 13
logo
Melexis Microelectronic...
TH8055 MELEXIS-TH8055 Datasheet
819Kb / 20P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_15 Datasheet
205Kb / 24P
   Single Wire CAN Transceiver
December, 2015 ??Rev. 10
logo
Freescale Semiconductor...
MC33897 FREESCALE-MC33897_07 Datasheet
512Kb / 20P
   Single Wire CAN Transceiver
MC33897 FREESCALE-MC33897_11 Datasheet
510Kb / 19P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_10 Datasheet
280Kb / 24P
   Single Wire CAN Transceiver
January, 2010 ??Rev. 8
logo
Freescale Semiconductor...
MC33897CTEFR2 FREESCALE-MC33897CTEFR2 Datasheet
413Kb / 19P
   Single Wire CAN Transceiver
MCZ33897AEF FREESCALE-MCZ33897AEF Datasheet
522Kb / 20P
   Single Wire CAN Transceiver
logo
NXP Semiconductors
AU5790 PHILIPS-AU5790 Datasheet
120Kb / 20P
   Single wire CAN transceiver
2001 May 18
logo
Micro Electronics
TH8055 MICRO-ELECTRONICS-TH8055 Datasheet
266Kb / 15P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_07 Datasheet
218Kb / 24P
   Single Wire CAN Transceiver
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com