Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6259-2 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE6259-2
Description  Single-Wire-Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6259-2 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE6259-2 Datasheet HTML 7Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 8Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 9Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 10Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 11Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 12Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 13Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 14Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Final Datasheet TLE 6259-2
Version 2.06
11
2003-02-21
Bus receiver
Receiver threshold voltage,
recessive to dominant edge
Vbus,rd
0.44
x
VS
0.5 x
VS
V
-8V<Vbus<Vbus,dom
Receiver threshold voltage,
dominant to recessive edge
Vbus,dr
0.56
x
VS
0.6 x
VS
V
Vbus,rec<Vbus<20 V
Receiver hysteresis
Vbus,hys 0.02
x
VS
0.04
x
VS
0.1 x
VS
mV
Vbus,hys =
Vbus,rec - Vbus,dom
wake-up threshold voltage
Vwake
0.40
x
VS
0.5 x
VS
0.6 x
VS
V
Bus transmitter
Bus recessive output voltage
Vbus,rec 0.9 x
VS
VS
V
VTxD = VCC
Bus dominant output voltage
Vbus,dom
0.15
x
VS
V
VTxD = 0 V;
8V<VS<27V
1.2
V
6V<VS<8V
Bus short circuit current
Ibus,sc
40
100
150
mA
Vbus,short = 13.5 V
Leakage current
Ibus,lk
-150
-70
mA
VCC =0V, VS =0V,
Vbus = -8 V
10
25
mA
VCC =0V, VS =0V,
Vbus = 20 V
10
µA
VLIN=VS=13,5V
Bus pull up resistance
Rbus
20
30
47
k
W
Normal mode
Lin output current
Ilin
530
60
µA
Sleep mode
2.3
Electrical Characteristics (cont’d)
4.5 V < VCC <5.5 V; 6.0V < VS <27 V; RL =500 W; VEN > VEN,ON; -40 °C < Tj < 125 °C; all voltages with respect
to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit Remarks
min. typ.
max.


Similar Part No. - TLE6259-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
TLE6250 INFINEON-TLE6250 Datasheet
544Kb / 26P
   High Speed CAN-Transceiver
Rev. 4.0, April 2008
TLE6250 INFINEON-TLE6250 Datasheet
934Kb / 24P
   High Speed CAN-Transceiver
Rev. 4.1 2017-03-15
TLE6250 INFINEON-TLE6250 Datasheet
769Kb / 24P
   High Speed CAN-Transceiver
Rev. 4.2
TLE6250C INFINEON-TLE6250C Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
More results

Similar Description - TLE6259-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6258 INFINEON-TLE6258 Datasheet
171Kb / 13P
   Single-Wire-Transceiver
version: 2.02 2001-08-08
logo
Freescale Semiconductor...
MC33897 FREESCALE-MC33897_07 Datasheet
512Kb / 20P
   Single Wire CAN Transceiver
MC33897 FREESCALE-MC33897_11 Datasheet
510Kb / 19P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_10 Datasheet
280Kb / 24P
   Single Wire CAN Transceiver
January, 2010 ??Rev. 8
logo
Freescale Semiconductor...
MC33897CTEFR2 FREESCALE-MC33897CTEFR2 Datasheet
413Kb / 19P
   Single Wire CAN Transceiver
MCZ33897AEF FREESCALE-MCZ33897AEF Datasheet
522Kb / 20P
   Single Wire CAN Transceiver
logo
NXP Semiconductors
AU5790 PHILIPS-AU5790 Datasheet
120Kb / 20P
   Single wire CAN transceiver
2001 May 18
logo
Micro Electronics
TH8055 MICRO-ELECTRONICS-TH8055 Datasheet
266Kb / 15P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_17 Datasheet
208Kb / 24P
   Single Wire CAN Transceiver
January, 2017 ??Rev. 13
NCV7356 ONSEMI-NCV7356_07 Datasheet
218Kb / 24P
   Single Wire CAN Transceiver
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com