Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDD0824D15 Datasheet(PDF) 2 Page - XP Power Limited

Part # RDD0824D15
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDD0824D15 Datasheet(HTML) 2 Page - XP Power Limited

  RDD0824D15 Datasheet HTML 1Page - XP Power Limited RDD0824D15 Datasheet HTML 2Page - XP Power Limited RDD0824D15 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RDD Series
www.xppower.com
2
DC-DC Converter
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
3.3
15
VDC
See Models and Ratings table
Initial Set Accuracy
±1
%
At 70% load
Minimum Load
0%
Minimum load required to meet specification. Operation at
no load will not cause damage.
Line Regulation
±0.5
%
Load Regulation
±0.5
%
From 0% to full load
Cross Regulation
±5
%
On dual output models, when one output is at 25% load
and other is varied from no load to full load
Ripple & Noise
75
mV pk-pk
20 MHz bandwidth. Measured using 0.1 µF ceramic capacitor
Short Circuit Protection
Continuous hiccup mode, with auto recovery
Maximum Capacitive Load
See Models and Ratings table
Temperature Coefficient
0.02
%/ ˚C
Overload Protection
160
%
Of nominal output current
Overvoltage Protection
See Models and Ratings table
Remote On/Off
Output turns off if remote on/off (pin 1) is shorted to -Vin (pin 2,3)
Output is on if remote on/off (pin 1) is open or >3 V
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
13
70
VDC
24 V nominal
42
176
VDC
110 V nominal
Input Filter
Pi type
Input Reflected Ripple Current
20
mA pk-pk
Through 12 µH inductor and 33 µF capacitor
Input Surge
100
VDC for 1000 ms 24 V models
185
VDC for 1000 ms 110 V models
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
80
86
%
See Models and Ratings table
Isolation: Input to Output
Input/Output to case
3000
VDC
1000
Switching Frequency
330/220
kHz
24 V / 110 V models
Isolation Resistance
109
Ω
Isolation Capacitance
1000
pF
Power Density
14
Win3
Mean Time Between Failure
800
kHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.039 (18)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+85
°C
Derate from 100% load at +70 °C to 50% at +85 °C
Storage Temperature
-55
+125
°C
Case Temperature
+105
°C
Humidity
95
%RH
Non-condensing
Cooling
Natural convection
Safety Approvals
Safety Agency
Safety Standard
EN
EN50551
Railway Applications


Similar Part No. - RDD0824D15

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
RDD08-03S1U CHINFA-RDD08-03S1U Datasheet
294Kb / 4P
   DC - DC CONVERTER 6.6 ~ 8.1W SINGLE & DUAL OUTPUT
RDD08-03S1U CHINFA-RDD08-03S1U Datasheet
221Kb / 4P
   DC - DC CONVERTER 6.6 ~ 8.1W SINGLE & DUAL OUTPUT
RDD08-03S1U CHINFA-RDD08-03S1U Datasheet
201Kb / 4P
   DC - DC CONVERTER 6.6 ~ 8.1W SINGLE & DUAL OUTPUT
RDD08-03S1U CHINFA-RDD08-03S1U_10 Datasheet
221Kb / 4P
   DC - DC CONVERTER 6.6 ~ 8.1W SINGLE & DUAL OUTPUT
RDD08-03S2U CHINFA-RDD08-03S2U Datasheet
294Kb / 4P
   DC - DC CONVERTER 6.6 ~ 8.1W SINGLE & DUAL OUTPUT
More results

Similar Description - RDD0824D15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com