Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEU8637-08-S Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # BEU8637-08-S
Description  Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

BEU8637-08-S Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  BEU8637-08-S Datasheet HTML 1Page - Aeroflex Circuit Technology BEU8637-08-S Datasheet HTML 2Page - Aeroflex Circuit Technology BEU8637-08-S Datasheet HTML 3Page - Aeroflex Circuit Technology BEU8637-08-S Datasheet HTML 4Page - Aeroflex Circuit Technology BEU8637-08-S Datasheet HTML 5Page - Aeroflex Circuit Technology BEU8637-08-S Datasheet HTML 6Page - Aeroflex Circuit Technology BEU8637-08-S Datasheet HTML 7Page - Aeroflex Circuit Technology BEU8637-08-S Datasheet HTML 8Page - Aeroflex Circuit Technology BEU8637-08-S Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SCD8637-08 Rev A 3/21/08
Aeroflex Plainview
5
32-Word Telemetry
To reduce data bus bandwidth usage, the 8637-08 supports
a 32-word telemetry request on sub-address 20 as defined
in Table III.
First a 1553B receive command with one data word of
AAAA(Hex) must be issued.
After a minimum delay of
1.2ms, the data can be retrieved by sending a 1553B
transmit command for 32 data words on sub-address 20.
Reply word 31 is a modulo-16 message count. This counter
increments by one for each valid telemetry request.
The 12-bit analog data reply is left justified in the 16-bit
1553B data word with the four LSBs set to "0"..
8-Word Telemetry
To reduce data bus bandwidth usage, the 8637-08 supports
an 8-word telemetry request on sub-address 24 as defined
in Table IV.
First a 1553B receive command with one data word of
5555(Hex) must be issued. After a minimum delay of 1.2ms,
the data can be retrieved by sending a 1553B transmit
command for 8 data words on sub-address 24.
Reply word 8 is a modulo-16 message count. This counter
increments by one for each valid telemetry request.
The 12-bit analog data reply is left justified in the 16-bit
1553B data word with the four LSBs set to "0".
Table III – 32-Word Telemetry
Item
Telemetry Title
Telemetry
Type
Reply
Word
Reply Bits
1
4V Reference
Analog
1
D(15:4)
2
Total Battery Voltage 1
Analog
2
D(15:4)
3
Total Battery Voltage 2
Analog
3
D(15:4)
4
Total Battery Voltage 3
Analog
4
D(15:4)
5
Share Bus Voltage
Analog
5
D(15:4)
6
Reserved
-
6
D(15:4)
7
Cell 1 Voltage
Analog
7
D(15:4)
8
Cell 2 Voltage
Analog
8
D(15:4)
9
Cell 3 Voltage
Analog
9
D(15:4)
10
Cell 4 Voltage
Analog
10
D(15:4)
11
Cell 5 Voltage
Analog
11
D(15:4)
12
Cell 6 Voltage
Analog
12
D(15:4)
13
Cell 7 Voltage
Analog
13
D(15:4)
14
Cell 8 Voltage
Analog
14
D(15:4)
15
Reserved
-
15
D(15:4)
16
Reserved
-
16
D(15:4)
17
Reserved
-
17
D(15:4)
18
Reserved
-
18
D(15:4)
19
Cell 13 Voltage
Analog
19
D(15:4)
20
Cell 14 Voltage
Analog
20
D(15:4)
21
Cell 15 Voltage
Analog
21
D(15:4)
22
Cell 16 Voltage
Analog
22
D(15:4)
23
Cell 17 Voltage
Analog
23
D(15:4)
24
Cell 18 Voltage
Analog
24
D(15:4)
25
Cell 19 Voltage
Analog
25
D(15:4)
26
Cell 20 Voltage
Analog
26
D(15:4)
27
Reserved
-
27
D(15:4)
28
Reserved
-
28
D(15:4)
29
Reserved
-
29
D(15:4)
30
Reserved
-
30
D(15:4)
31
Message Count
Analog
31
D(15:0)
32
Overvoltage Latch Status
Bi-level
32
D13
1/ For Battery A.
2/ For Battery B.
1/
2/
Table IV – 8-Word Telemetry
Item
Telemetry Title
Telemetry
Type
Reply
Word
Reply Bits
1
Overvoltage Latch Status
Bi-level
1
D13
2Reserved
-
2
D15
3Reserved
-
3
D15
4Reserved
-
4
D15
50V Reference
Analog
5
D(15:4)
6
Lowest Cell Voltage
Analog
6
D(15:4)
7
Highest Cell Voltage
Analog
7
D(15:4)
8
Message Count
Analog
8
D(15:0)


Similar Part No. - BEU8637-08-S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
BEU8637-12 AEROFLEX-BEU8637-12 Datasheet
254Kb / 9P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8637-12-S AEROFLEX-BEU8637-12-S Datasheet
254Kb / 9P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
More results

Similar Description - BEU8637-08-S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
BEU8637-12 AEROFLEX-BEU8637-12 Datasheet
254Kb / 9P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8638-08 AEROFLEX-BEU8638-08 Datasheet
285Kb / 10P
   Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry Cell Bypass Relay Drivers
BEU8638-12 AEROFLEX-BEU8638-12 Datasheet
281Kb / 10P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry Cell Bypass Relay Drivers
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8636-08 AEROFLEX-BEU8636-08 Datasheet
264Kb / 9P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8636-12 AEROFLEX-BEU8636-12 Datasheet
253Kb / 9P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8636-24 AEROFLEX-BEU8636-24 Datasheet
255Kb / 9P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8640-24 AEROFLEX-BEU8640-24 Datasheet
335Kb / 10P
   Dual Redundant Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com