Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80-M006PNB010SA-K615C-1B Datasheet(PDF) 7 Page - Vincotech

Part # 80-M006PNB010SA-K615C-1B
Description  Solderless interconnection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

80-M006PNB010SA-K615C-1B Datasheet(HTML) 7 Page - Vincotech

Back Button 80-M006PNB010SA-K615C-1B Datasheet HTML 3Page - Vincotech 80-M006PNB010SA-K615C-1B Datasheet HTML 4Page - Vincotech 80-M006PNB010SA-K615C-1B Datasheet HTML 5Page - Vincotech 80-M006PNB010SA-K615C-1B Datasheet HTML 6Page - Vincotech 80-M006PNB010SA-K615C-1B Datasheet HTML 7Page - Vincotech 80-M006PNB010SA-K615C-1B Datasheet HTML 8Page - Vincotech 80-M006PNB010SA-K615C-1B Datasheet HTML 9Page - Vincotech 80-M006PNB010SA-K615C-1B Datasheet HTML 10Page - Vincotech 80-M006PNB010SA-K615C-1B Datasheet HTML 11Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
80-M006PNB010SA*-K615*
datasheet
Figure 13
FWD
Figure 14
FWD
Typical reverse recovery charge as a
Typical reverse recovery charge as a
function of collector current
function of IGBT turn on gate resistor
Q rr = f(I C)
Q rr = f(R gon)
At
T j =
25/150
°C
T j =
25/150
°C
V CE =
300
V
V R =
300
V
V GE =
±15
V
I F =
10
A
R gon =
32
V GE =
±15
V
Figure 15
FWD
Figure 16
FWD
Typical reverse recovery current as a
Typical reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
I RRM = f(I C)
I RRM = f(R gon)
T j =
25/150
°C
T j =
25/150
°C
V CE =
300
V
V R =
300
V
V GE =
±15
V
I F =
10
A
R gon =
32
V GE =
±15
V
Inverter Switch / Inverter Diode
Tj = Tjmax - 25°C
IRRM
Tj = 25°C
IRRM
0
5
10
15
20
25
0
32
64
96
128
160
R gon ( Ω
Ω )
Tj = Tjmax -25°C
Qrr
Tj = 25°C
Qrr
0,0
0,4
0,8
1,2
1,6
2,0
0
32
64
96
128
160
R g on ( Ω)
Tj = Tjmax -25°C
IRRM
Tj = 25°C
IRRM
0
2
4
6
8
10
12
0
5
10
15
20
I C (A)
Tj = Tjmax -25°C
Qrr
Tj = 25°C
Qrr
0,0
0,5
1,0
1,5
2,0
2,5
0
5
10
15
20
I C (A)
12 Jan. 2016 / Revision 3
copyright Vincotech
7


Similar Part No. - 80-M006PNB010SA-K615C-1B

ManufacturerPart #DatasheetDescription
logo
Vincotech
80-M006PNB010SA-K615C VINCOTECH-80-M006PNB010SA-K615C Datasheet
311Kb / 17P
   Solderless interconnection
More results

Similar Description - 80-M006PNB010SA-K615C-1B

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K420-A40-PM VINCOTECH-V23990-K420-A40-PM Datasheet
1Mb / 18P
   Solderless interconnection
80-M006PNB010SA-K615C VINCOTECH-80-M006PNB010SA-K615C Datasheet
311Kb / 17P
   Solderless interconnection
80-M012PNB008SC-K619C41 VINCOTECH-80-M012PNB008SC-K619C41 Datasheet
314Kb / 17P
   Solderless interconnection
V23990-K220-A40-P1-14 VINCOTECH-V23990-K220-A40-P1-14 Datasheet
511Kb / 22P
   Solderless interconnection
V23990-K229-A41-D3-14 VINCOTECH-V23990-K229-A41-D3-14 Datasheet
393Kb / 22P
   Solderless interconnection
V23990-K420-A40-P1-14 VINCOTECH-V23990-K420-A40-P1-14 Datasheet
458Kb / 22P
   Solderless interconnection
80-M006PNB006SA-K614C VINCOTECH-80-M006PNB006SA-K614C Datasheet
313Kb / 17P
   Solderless interconnection
80-M006PNB006SA-K614 VINCOTECH-80-M006PNB006SA-K614_16 Datasheet
945Kb / 17P
   Solderless interconnection
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
   Solderless interconnection
V23990-K229-A40-P3-14 VINCOTECH-V23990-K229-A40-P3-14 Datasheet
481Kb / 22P
   Solderless interconnection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com