Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC-101R Datasheet(PDF) 2 Page - Faraday Technology

Part # ADC-101R
Description  VIDEO FRONT-END MODULES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

ADC-101R Datasheet(HTML) 2 Page - Faraday Technology

  ADC-101R Datasheet HTML 1Page - Faraday Technology ADC-101R Datasheet HTML 2Page - Faraday Technology ADC-101R Datasheet HTML 3Page - Faraday Technology ADC-101R Datasheet HTML 4Page - Faraday Technology ADC-101R Datasheet HTML 5Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Fara064d.doc
Page 2 of 5
Apr-01(E)
Technical Description
The ADC-100 range of modules are a complete front end solution for digitising analogue video.
They comprise all buffering and filtering components required - allowing the user to connect
directly to the video source. A dc clamp is provided to ensure that the black level is accurately set
before being presented to the A-D converter. The modules utilise 2x oversampling to minimise the
size of the filter components and achieve high performance. The subsequent data is decimated by
high performance low pass digital filters to provide output data with standard sampling rates.
All this is achieved transparently to the user; the only control signals required are a back porch
clamp signal, a sync pulse to align the digital filter and an appropriate clock.
For further details of the digital filter functionality consult Fairchild datasheet TMC2242.
Typical I/P circuit for minimal tilt


Similar Part No. - ADC-101R

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADC-10-1R MINI-ADC-10-1R Datasheet
254Kb / 1P
   Directional Coupler 50廓 5 to 900 MHz
ADC-10-1R++ MINI-ADC-10-1R+ Datasheet
254Kb / 1P
   Directional Coupler 50廓 5 to 900 MHz
ADC-10-4 MINI-ADC-10-4 Datasheet
261Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
ADC-10-4++ MINI-ADC-10-4+ Datasheet
261Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
ADC-10-4-75 MINI-ADC-10-4-75 Datasheet
260Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
More results

Similar Description - ADC-101R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_06 Datasheet
365Kb / 19P
   Video Front End
logo
Renesas Technology Corp
EL4501 RENESAS-EL4501 Datasheet
924Kb / 20P
   Video Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_10 Datasheet
469Kb / 19P
   Video Front End (VFE)
logo
List of Unclassifed Man...
MI-AIM ETC-MI-AIM Datasheet
210Kb / 2P
   Military Component Front End Modules
logo
Vicor Corporation
MI-AI VICOR-MI-AI Datasheet
210Kb / 2P
   Military Component Front End Modules
logo
XP Power Limited
CPH500USC3 XPPOWER-CPH500USC3 Datasheet
86Kb / 2P
   Component Power AC Front End Modules
logo
Vicor Corporation
MI-AIM-I1 VICOR-MI-AIM-I1 Datasheet
103Kb / 2P
   Military COTS Component Front-end Modules
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
   Analog front end for digital video processors
2004 Oct 04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com