Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2302GN-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP2302GN-HF
Description  Surface Mount Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2302GN-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP2302GN-HF_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2302GN-HF_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2302GN-HF_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2302GN-HF_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2302GN-HF_16 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AP2302GN-HF
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
60
70
80
90
100
23
45
V GS , Gate-to-Source Voltage (V)
I D = 3.1 A
T A =25
o C
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
V DS , Drain-to-Source Voltage (V)
T A =150
o C
V G =2.0V
4.5V
3.5V
3.0V
2.5V
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
V G =4.5V
I D =3.6A
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
V DS , Drain-to-Source Voltage (V)
T A =25
o C
V G =2.0V
4.5V
3.5V
3.0V
2.5V
0.1
1.0
10.0
0.1
0.5
0.9
1.3
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0.2
0.6
1.0
1.4
-50
0
50
100
150
T j , Junction Temperature (
o C)


Similar Part No. - AP2302GN-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2302GN-HF A-POWER-AP2302GN-HF_14 Datasheet
102Kb / 4P
   Small package outline
More results

Similar Description - AP2302GN-HF_16

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4530 VECTRON-C4530_06 Datasheet
119Kb / 5P
   Surface Mount Package
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF_14 Datasheet
99Kb / 4P
   Surface mount package
AP2422GY A-POWER-AP2422GY_14 Datasheet
121Kb / 5P
   Surface mount package
logo
KR Electronics, Inc.
2505 KR-2505 Datasheet
28Kb / 2P
   Surface Mount Package
logo
Advanced Power Electron...
AP2906EY A-POWER-AP2906EY Datasheet
73Kb / 6P
   Surface mount package
AP2302AGN-HF A-POWER-AP2302AGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP2306CGN-HF A-POWER-AP2306CGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP9938AGEY-HF A-POWER-AP9938AGEY-HF_16 Datasheet
104Kb / 5P
   Surface Mount Package
logo
M/A-COM Technology Solu...
OD-S-1249 MA-COM-OD-S-1249 Datasheet
191Kb / 1P
   Package, Surface Mount
logo
Gaomi Xinghe Electronic...
1N4148W GXELECTRONICS-1N4148W Datasheet
687Kb / 2P
   Surface Mount Package
logo
Advanced Power Electron...
AP2530GY-HF A-POWER-AP2530GY-HF_14 Datasheet
91Kb / 7P
   Surface Mount Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com