Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3070EAPD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3070EAPD
Description  3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3070EAPD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3070EAPD Datasheet HTML 1Page - Maxim Integrated Products MAX3070EAPD Datasheet HTML 2Page - Maxim Integrated Products MAX3070EAPD Datasheet HTML 3Page - Maxim Integrated Products MAX3070EAPD Datasheet HTML 4Page - Maxim Integrated Products MAX3070EAPD Datasheet HTML 5Page - Maxim Integrated Products MAX3070EAPD Datasheet HTML 6Page - Maxim Integrated Products MAX3070EAPD Datasheet HTML 7Page - Maxim Integrated Products MAX3070EAPD Datasheet HTML 8Page - Maxim Integrated Products MAX3070EAPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
AVAILABLE
Functional Diagrams
Pin Configurations appear at end of data sheet.
Functional Diagrams continued at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
General Description
The MAX3070E–MAX3079E 3.3V, ±15kV ESD-protected,
RS-485/RS-422 transceivers feature one driver and one
receiver. These devices include fail-safe circuitry, guar-
anteeing a logic-high receiver output when receiver
inputs are open or shorted. The receiver outputs a logic
high if all transmitters on a terminated bus are disabled
(high impedance). The MAX3070E–MAX3079E include a
hot-swap capability to eliminate false transitions on the
bus during power-up or hot insertion.
The MAX3070E/MAX3071E/MAX3072E feature reduced
slew-rate drivers that minimize EMI and reduce reflec-
tions caused by improperly terminated cables, allowing
error-free data transmission up to 250kbps. The
MAX3073E/MAX3074E/MAX3075E also feature slew-
rate-limited drivers but allow transmit speeds up to
500kbps. The MAX3076E/MAX3077E/MAX3078E driver
slew rates are not limited, making transmit speeds up to
16Mbps possible. The MAX3079E slew rate is pin
selectable for 250kbps, 500kbps, and 16Mbps.
The MAX3072E/MAX3075E/MAX3078E are intended for
half-duplex communications, and the MAX3070E/
MAX3071E/MAX3073E/MAX3074E/MAX3076E/MAX307
7E are intended for full-duplex communications. The
MAX3079E is selectable for half-duplex or full-duplex
operation. It also features independently programmable
receiver and transmitter output phase through
separate pins.
The MAX3070E–MAX3079E transceivers draw 800µA
of supply current when unloaded or when fully loaded
with the drivers disabled. All devices have a 1/8-unit
load receiver input impedance, allowing up to 256
transceivers on the bus.
Applications
Lighting Systems
Industrial Control
Telecom
Security Systems
Instrumentation
Features
♦ 3.3V Operation
♦ Electrostatic Discharge (ESD) Protection for
RS-485 I/O Pins
±15kV Human Body Model
♦ True Fail-Safe Receiver While Maintaining
EIA/TIA-485 Compatibility
♦ Hot-Swap Input Structure on DE and RE
♦ Enhanced Slew-Rate Limiting Facilitates Error-
Free Data Transmission
(MAX3070E–MAX3075E/MAX3079E)
♦ Low-Current Shutdown Mode (Except
MAX3071E/MAX3074E/MAX3077E)
♦ Pin-Selectable Full-/Half-Duplex Operation
(MAX3079E)
♦ Phase Controls to Correct for Twisted-Pair
Reversal (MAX3079E)
♦ Allow Up to 256 Transceivers on the Bus
♦ Available in Industry-Standard 8-Pin SO Package
+3.3V, ±15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers
Ordering Information
19-2668; Rev 2; 4/09
PART†
TEMP RANGE
PIN-PACKAGE
MAX3070EEPD
-40°C to +85°C
14 Plastic DIP
MAX3070EESD
-40°C to +85°C
14 SO
MAX3070EAPD
-40°C to +125°C
14 Plastic DIP
MAX3070EASD
-40°C to +125°C
14 SO
MAX3071EEPA
-40°C to +85°C
8 Plastic DIP
MAX3071EESA
-40°C to +85°C
8 SO
MAX3071EAPA
-40°C to +125°C
8 Plastic DIP
MAX3071EASA
-40°C to +125°C
8 SO
Selector Guide, Pin Configurations, and Typical Operating
Circuits appear at end of data sheet.
Ordering Information continued at end of data sheet.
†Devices are available in both leaded (Pb) and lead(Pb)-free
packaging. Specify lead-free by adding a “+” after the part
number.
MAX3070E–MAX3079E
Ordering Information


Similar Part No. - MAX3070EAPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3070EAPD MAXIM-MAX3070EAPD Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070EAPD MAXIM-MAX3070EAPD Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results

Similar Description - MAX3070EAPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX13085EASA MAXIM-MAX13085EASA Datasheet
993Kb / 24P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX13085EEPA MAXIM-MAX13085EEPA Datasheet
2Mb / 14P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX14780E_1110 MAXIM-MAX14780E_1110 Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 2; 10/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com