Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3440EEPA+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3440EEPA+
Description  ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3440EEPA+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3440EEPA+ Datasheet HTML 3Page - Maxim Integrated Products MAX3440EEPA+ Datasheet HTML 4Page - Maxim Integrated Products MAX3440EEPA+ Datasheet HTML 5Page - Maxim Integrated Products MAX3440EEPA+ Datasheet HTML 6Page - Maxim Integrated Products MAX3440EEPA+ Datasheet HTML 7Page - Maxim Integrated Products MAX3440EEPA+ Datasheet HTML 8Page - Maxim Integrated Products MAX3440EEPA+ Datasheet HTML 9Page - Maxim Integrated Products MAX3440EEPA+ Datasheet HTML 10Page - Maxim Integrated Products MAX3440EEPA+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Figure 4. Driver Differential Output Delay and Transition Times
Figure 3. Driver Propagation Times
Figure 2. Receiver VOH and VOL
Figure 1. Driver VOD and VOC
VCC
50Ω
RL
CL = 50pF (NOTE 5)
GENERATOR
(NOTE 4)
D
DI
OUT
CL
CL
tDPLH
tDPHL
tLH
50%
1.5V
10%
(A–B)
DI
90%
50%
1.5V
10%
90%
3V
0
ª 2.0V
tHL
ª -2.0V
A
B
VCC
VOM
3V
0
VOH
VOM
VOM
VOM
VOM
VOL
VOH
VOL
50Ω
RL
CL = 50pF
(NOTE 5)
GENERATOR
(NOTE 4)
D
DI
tPLHA
1.5V
A
B
OUT
S1
DI
1.5V
tPHLA
tPHLB
tPLHB
ª 1.5V
VOH + VOL
2
VOM =
A
B
2
R
RO
0
VOH
IOH
(-)
IOL
(+)
VOL
VID
A
B
VCC
D
VOD
VOC
2
RL
2
RL
DI
A
B
www.maximintegrated.com
Maxim Integrated │ 7
MAX3440E–MAX3444E
±15kV ESD-Protected, ±60V Fault-Protected,
10Mbps, Fail-Safe RS-485/J1708 Transceivers
Test Circuits and Waveforms


Similar Part No. - MAX3440EEPA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3440EEPA++ MAXIM-MAX3440EEPA+ Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
More results

Similar Description - MAX3440EEPA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440EESA MAXIM-MAX3440EESA Datasheet
314Kb / 19P
   15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX3440E MAXIM-MAX3440E Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX3443E MAXIM-MAX3443E Datasheet
263Kb / 15P
   ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with 짹15kV ESD Protection
Rev 0; 4/02
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com