Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3643ETG+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3643ETG+
Description  155Mbps to 2.5Gbps Burst-Mode Laser Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3643ETG+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3643ETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX3643ETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX3643ETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX3643ETG+ Datasheet HTML 9Page - Maxim Integrated Products MAX3643ETG+ Datasheet HTML 10Page - Maxim Integrated Products MAX3643ETG+ Datasheet HTML 11Page - Maxim Integrated Products MAX3643ETG+ Datasheet HTML 12Page - Maxim Integrated Products MAX3643ETG+ Datasheet HTML 13Page - Maxim Integrated Products MAX3643ETG+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
155Mbps to 2.5Gbps Burst-Mode Laser Driver
10
Maxim Integrated
MAX3643
Detailed Description
The MAX3643 laser driver includes a bias current gen-
erator, bias current monitor, modulation current genera-
tor, laser drive outputs, and monitor diode sample and
hold. LVPECL-compatible inputs are provided for both
high-speed data and burst enable. The high-speed
burst-enable input signal is replicated on an LVCMOS
output for use by the controller.
Laser Diode Modulation and
Bias Current Generators
Laser diode modulation current amplitude is controlled
by the current out of the MODSET pin, and bias current
by the current out of the BIASSET pin, according to:
IMOD = IMODSET x 88
IBIAS = IBIASSET x 88
A voltage source and two op amps are provided to
enable IMODSET and IBIASSET to be set using either a
resistor to ground or a current digital-to-analog convert-
er (DAC). The high-impedance op amp reference input
can be externally controlled, so that the modulation and
bias currents can also be set using voltage DACs.
Laser Diode Modulation and
Bias Current Limiter
Typical laser diodes have an absolute maximum rating
of 150mA. To reduce the possibility of laser damage,
the modulation current and bias current are shut off if
the sum IMOD + IBIAS attempts to exceed the limit set
by RIMAX; see the Typical Operating Characteristics.
Bias Current Monitor
The laser diode bias current can be monitored by measur-
ing the voltage across an external load resistor connected
from BCMON to ground. For example, a 1k
Ω resistor from
BCMON to ground gives the following relationship:
The voltage at BCMON must be below 1.4V for proper
operation.
Output Drivers
The modulation current ranges from 10mA to 85mA, as
set by the current through MODSET. The laser modula-
tion current output OUT+ is optimized to drive a 15
Ω
load, and must be DC-coupled. A series damping resis-
tor, RD, provides impedance matching to the laser
diode. The combined value of the series damping resis-
tor and the laser diode equivalent series resistance
should be close to 15
Ω. An RC shunt compensation
network, RCOMP/CCOMP, connected between the laser
diode cathode and ground should also be provided to
reduce optical output aberrations and duty-cycle dis-
tortion caused by laser diode parasitic inductance. The
values of RCOMP and CCOMP can be adjusted to match
the laser diode and PCB layout characteristics for opti-
mal optical eye performance (refer to Application
Note 274:
HFAN-02.0: Interfacing Maxim Laser Drivers
with Laser Diodes). The OUT- pin is connected through
a 15
Ω resistor and switching diode to the laser diode
anode. The switching diode at OUT- improves the opti-
cal output eye and burst-enable delay by better match-
ing the laser diode characteristics.
For data rates greater than 1Gbps, a parallel RL peak-
ing network, RP/LP, connected between the laser diode
anode and VCC is recommended. This network creates
a differential drive for the laser diode to improve rise/fall
times and reduce jitter. The values of RP and LP are
also adjusted to match the laser diode and PCB layout
characteristics for optimal optical eye performance.
The bias current ranges from 1mA to 70mA, as set by
the current through BIASSET. Current in the BIAS out-
put switches at high speed when bursting; therefore,
the BIAS+ pin should be connected directly through a
resistor, equal to RD as determined above, to the laser
cathode. The BIAS- pin is connected through a 10
Ω
resistor and switching diode to VCC.
When the BEN input is high, the laser driver sinks bias
and modulation current according to the settings at
MODSET and BIASSET. When the BEN input is low, the
BIAS+ and OUT+ currents both shut off within 2ns.
Note that when BEN is low, the bias current is shunted
through the BIAS- output and the modulation current
through the OUT- output.
Monitor Diode Sample and Hold
Laser monitor diode current is only generated when
there is an optical output (BEN is active). When BEN is
inactive, the monitor current is zero, reflecting the fact
that the laser is off. A sample-and-hold circuit, trig-
gered by the state of the BEN input, is provided in the
MAX3643. During the burst-enable active period, the
voltage present at MDIN is stored on an internal sam-
ple-and-hold capacitor; and during the burst-enable
inactive period, that voltage is output on MDOUT; see
the timing diagram in Figure 2.
While the internal sample-and-hold is sampling (BEN
active), MDOUT voltage takes a 1.2V reference level.
VI
G
k
BCMON
BIAS
BSM
×1 Ω


Similar Part No. - MAX3643ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3643ETG++ MAXIM-MAX3643ETG+ Datasheet
266Kb / 15P
   Burst-Mode Laser Driver
Rev 0; 11/05
MAX3643ETG++ MAXIM-MAX3643ETG+ Datasheet
243Kb / 14P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 10/08
MAX3643ETG++ MAXIM-MAX3643ETG+ Datasheet
427Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 3; 5/12
More results

Similar Description - MAX3643ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3656 MAXIM-MAX3656_V01 Datasheet
472Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
2010
MAX3656 MAXIM-MAX3656 Datasheet
734Kb / 16P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 5/04
MAX3643 MAXIM-MAX3643_08 Datasheet
243Kb / 14P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 10/08
MAX3643 MAXIM-MAX3643_12 Datasheet
427Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 3; 5/12
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
SY88236L MICREL-SY88236L_10 Datasheet
858Kb / 19P
   2.5Gbps Burst Mode Laser Driver with
SY88216L MICREL-SY88216L_10 Datasheet
629Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
logo
Taiwan Memory Technolog...
I7520N TMT-I7520N Datasheet
20Kb / 1P
   2.5Gbps Burst Mode Laser Driver & Post Amplifier
logo
Maxim Integrated Produc...
MAX24001 MAXIM-MAX24001 Datasheet
1Mb / 53P
   2.5GBPS TX BURST-MODE LASER TRANSCEIVER
Rev 0; 11/12
MAX24001 MAXIM-MAX24001_V01 Datasheet
660Kb / 53P
   2.5Gbps Tx Burst-Mode Laser Transceiver
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com