Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3485D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3485D
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3485D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3485D Datasheet HTML 1Page - Maxim Integrated Products MAX3485D Datasheet HTML 2Page - Maxim Integrated Products MAX3485D Datasheet HTML 3Page - Maxim Integrated Products MAX3485D Datasheet HTML 4Page - Maxim Integrated Products MAX3485D Datasheet HTML 5Page - Maxim Integrated Products MAX3485D Datasheet HTML 6Page - Maxim Integrated Products MAX3485D Datasheet HTML 7Page - Maxim Integrated Products MAX3485D Datasheet HTML 8Page - Maxim Integrated Products MAX3485D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = 3.3V ±0.3V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC)...............................................................7V
Control Input Voltage (RE, DE) ...................................-0.3V to 7V
Driver Input Voltage (DI).............................................-0.3V to 7V
Driver Output Voltage (A, B, Y, Z)..........................-7.5V to 12.5V
Receiver Input Voltage (A, B) ................................-7.5V to 12.5V
Receiver Output Voltage (RO)....................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) .....727mW
8-Pin SO (derate 5.88mW/°C above +70°C)..................471mW
14-Pin Plastic DIP (derate 10mW/°C above +70°C) ......800mW
14-Pin SO (derate 8.33mW/°C above +70°C)................667mW
Operating Temperature Ranges
MAX34_ _C_ _.......................................................0°C to +70°C
MAX34_ _E_ _....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
DE = 0V,
VCC = 0V or 3.6V
DE = 0V, RE = VCC,
VCC = 0V or 3.6V, MAX3491
DE = 0V, RE = 0V,
VCC = 0V or 3.6V, MAX3491
kΩ
12
RIN
Receiver Input Resistance
µA
±1
IOZR
Three-State (High Impedance)
Output Current at Receiver
V
0.4
VOL
Receiver Output Low Voltage
V
VCC - 0.4
VOH
Receiver Output High Voltage
mV
50
VTH
Receiver Input Hysteresis
V
-0.2
0.2
VTH
Receiver Differential
Threshold Voltage
µA
-1
IO
Output Leakage (Y, Z)
in Shutdown Mode
1
µA
-20
IO
Output Leakage (Y, Z)
V
0.2
VOD
Change in Magnitude of Driver
Differential Output Voltage for
Complementary Output States
(Note 1)
V
1.5
VOD
2.0
Differential Driver Output
20
mA
-0.8
IIN2
Input Current (A, B)
1.0
µA
±2
IIN1
Logic Input Current
V
3
VOC
Driver Common-Mode Output
Voltage
V
0.2
VOC
Change in Magnitude of
Common-Mode Output Voltage
(Note 1)
V
2.0
VIH
Input High Voltage
V
0.8
VIL
Input Low Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
RL = 54Ω or 100Ω, Figure 4
-7V ≤ VCM ≤ 12V
RL = 54Ω (RS-485), Figure 4
VCC = 3.6V, 0V ≤ VOUT ≤ VCC
RL = 100Ω (RS-422), Figure 4
IOUT = 2.5mA, VID = 200mV, Figure 6
IOUT = -1.5mA, VID = 200mV, Figure 6
VCM = 0V
VOUT = 12V
VIN = -7V
-7V ≤ VCM ≤ 12V
VOUT = -7V
VIN = 12V
DE, DI, RE
RL = 54Ω or 100Ω, Figure 4
RL = 54Ω or 100Ω, Figure 4
DE, DI, RE
VOUT = 12V
DE, DI, RE
VOUT = -7V
CONDITIONS
RL = 60Ω (RS-485), VCC = 3.3V, Figure 5
1.5
MAX3483/MAX3485/MAX3486/
MAX3488/MAX3490/MAX3491
2
Maxim Integrated


Similar Part No. - MAX3485D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3485 MAXIM-MAX3485 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3485AE MAXIM-MAX3485AE Datasheet
939Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected
Rev 0; 3/16
MAX3485AEASA++ MAXIM-MAX3485AEASA+ Datasheet
939Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected
Rev 0; 3/16
MAX3485AEASA++ MAXIM-MAX3485AEASA+ Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3485C/D MAXIM-MAX3485C/D Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
More results

Similar Description - MAX3485D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483 MAXIM-MAX3483_V01 Datasheet
3Mb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-0333; Rev 1; 5/19
MAX3491EESD-T MAXIM-MAX3491EESD-T Datasheet
674Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483AE MAXIM-MAX3483AE_V01 Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com