Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14840E Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX14840E
Description  40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14840E Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX14840E_15 Datasheet HTML 2Page - Maxim Integrated Products MAX14840E_15 Datasheet HTML 3Page - Maxim Integrated Products MAX14840E_15 Datasheet HTML 4Page - Maxim Integrated Products MAX14840E_15 Datasheet HTML 5Page - Maxim Integrated Products MAX14840E_15 Datasheet HTML 6Page - Maxim Integrated Products MAX14840E_15 Datasheet HTML 7Page - Maxim Integrated Products MAX14840E_15 Datasheet HTML 8Page - Maxim Integrated Products MAX14840E_15 Datasheet HTML 9Page - Maxim Integrated Products MAX14840E_15 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Test and Timing Diagrams (continued)
Figure 5. Driver Enable and Disable Times (tDLZ, tDZL)
Figure 6. Receiver Propagation Delay Test Circuit
Figure 7. Receiver Propagation Delays
RL = 110I
50I
OUT
0
0.25V
1.5V
tDZL, tDZL(SHDN)
tDLZ
DE
S1
A
B
D
DI
0 OR VCC
VCC
VCC
1.5V
VCC
OUT
VOL
GENERATOR
DE
VID
B
A
RECEIVER
OUTPUT
ATE
R
A
B
VOH
VOL
RO
tRPHL
tRSKEW = tRPHL - tRPLH
f = 1MHz, tLH P 3ns, tHL P 3ns
tRPLH
-1V
1V
2
VCC
2
VCC
www.maximintegrated.com
Maxim Integrated │ 6
MAX14840E/MAX14841E
40Mbps, +3.3V, RS-485 Half-Duplex Transceivers


Similar Part No. - MAX14840E_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14840EASA++ MAXIM-MAX14840EASA+ Datasheet
1Mb / 15P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
MAX14840EATA++ MAXIM-MAX14840EATA+ Datasheet
1Mb / 15P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
More results

Similar Description - MAX14840E_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14840E MAXIM-MAX14840E Datasheet
1Mb / 15P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
logo
Renesas Technology Corp
ISL32743E RENESAS-ISL32743E Datasheet
818Kb / 19P
   Isolated 3.3V Half-Duplex 40Mbps RS-485 Transceiver
Jul 9, 2018
logo
Analog Devices
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM485E AD-ADM485E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com