Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14870 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14870
Description  Compact 4.5V to 36V Full-Bridge DC Motor Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14870 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14870_15 Datasheet HTML 1Page - Maxim Integrated Products MAX14870_15 Datasheet HTML 2Page - Maxim Integrated Products MAX14870_15 Datasheet HTML 3Page - Maxim Integrated Products MAX14870_15 Datasheet HTML 4Page - Maxim Integrated Products MAX14870_15 Datasheet HTML 5Page - Maxim Integrated Products MAX14870_15 Datasheet HTML 6Page - Maxim Integrated Products MAX14870_15 Datasheet HTML 7Page - Maxim Integrated Products MAX14870_15 Datasheet HTML 8Page - Maxim Integrated Products MAX14870_15 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
(All voltages referenced to GND.)
VDD........................................................................-0.3V to +40V
M1, M2 ..................................................... -0.3V to (VDD + 0.3V)
PWM, DIR, FWD, REV, FAULT, EN, SNS .................. -0.3V to +6.0V
COM .....................................................................-0.3V to +0.3V
Continuous Current Into M1, M2 ..........................................±3A
Continuous Power Dissipation (TA = +70°C)
Single-Layer Board (derate at 15.9mW/°C
above +70°C)..........................................................1270mW
Multilayer Board (derate at 24.4mW/°C
above +70°C)..........................................................1951mW
Operating Temperature Range........................... -40°C to +85°C
Junction Temperature......................................................+150ºC
Storage Temperature Range.............................-65ºC to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
Solder Temperature (reflow) ...........................................+260°C
Junction-to-Case Thermal Resistance (θJC)
TDFN-EP (Single-Layer Board)..................................8.5°C/W
TDFN-EP (Multilayer Board).......................................8.5°C/W
Junction-to-Ambient Thermal Resistance (θJA)
TDFN-EP (Single-Layer Board)...................................63°C/W
TDFN-EP (Multilayer Board)........................................41°C/W
(Note 1)
(VDD = 4.5V to 36V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VDD = 12V, TA = +25°C) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage
VDD
4.5
36
V
Supply Current
IDD
EN = low, M1/M2
not connected
fPWM/FWD =
50kHz
1
mA
No switching
0.5
1.2
Shutdown Supply Current
ISHDN
EN = high, driver
is in shutdown
VDD = 12V
3.7
10
μA
VDD = 36V
10
20
Undervoltage Lockout
Threshold
VUVLO
VDD rising
3.3
3.8
4.3
V
Undervoltage Lockout
Threshold Hysteresis
VUVLO_HYST
400
mV
MAX14870/MAX14872
Compact 4.5V to 36V
Full-Bridge DC Motor Drivers
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Electrical Characteristics


Similar Part No. - MAX14870_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14870ETC++ MAXIM-MAX14870ETC+ Datasheet
430Kb / 15P
   Compact 4.5V to 36V Full-Bridge DC Motor Drivers
2017
MAX14870EVKIT MAXIM-MAX14870EVKIT Datasheet
414Kb / 7P
   Operates from a Wide 4.5V to 36V Supply
Rev 2; 10/19
MAX14870 MAXIM-MAX14870_V01 Datasheet
430Kb / 15P
   Compact 4.5V to 36V Full-Bridge DC Motor Drivers
2017
More results

Similar Description - MAX14870_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14870 MAXIM-MAX14870_V01 Datasheet
430Kb / 15P
   Compact 4.5V to 36V Full-Bridge DC Motor Drivers
2017
MAX14871 MAXIM-MAX14871 Datasheet
468Kb / 15P
   4.5V to 36V Full-Bridge DC Motor Driver
Rev 0; 9/14
MAX14871 MAXIM-MAX14871_14 Datasheet
468Kb / 15P
   4.5V to 36V Full-Bridge DC Motor Driver
Rev 0; 9/14
MAX14870 MAXIM-MAX14870 Datasheet
487Kb / 15P
   Full-Bridge DC Motor Drivers
Rev 0; 9/14
logo
Allegro MicroSystems
2953 ALLEGRO-2953 Datasheet
565Kb / 7P
   FULL-BRIDGE PWM MOTOR DRIVERS
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
DRV8800 TI1-DRV8800_12 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com