Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14870 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14870
Description  Compact 4.5V to 36V Full-Bridge DC Motor Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14870 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14870_15 Datasheet HTML 1Page - Maxim Integrated Products MAX14870_15 Datasheet HTML 2Page - Maxim Integrated Products MAX14870_15 Datasheet HTML 3Page - Maxim Integrated Products MAX14870_15 Datasheet HTML 4Page - Maxim Integrated Products MAX14870_15 Datasheet HTML 5Page - Maxim Integrated Products MAX14870_15 Datasheet HTML 6Page - Maxim Integrated Products MAX14870_15 Datasheet HTML 7Page - Maxim Integrated Products MAX14870_15 Datasheet HTML 8Page - Maxim Integrated Products MAX14870_15 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
(VDD = 4.5V to 36V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VDD = 12V, TA = +25°C) (Note 2)
Note 2: All units are production tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 3: VSNS_TH is the threshold voltage to turn on current regulation.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PWM Frequency
fSW
EN = low
MAX14870,
switching signal
applied at PWM
50
kHz
MAX14872,
switching signal
applied at FWD
or REV
50
Dead Time
tDEAD
140
ns
M1, M2 Slew Rate
SR
200
V/μs
M1, M2 High-Side Propagation
Delay
tPR
RL = 1kΩ, CL = 50pF,
PWM/FWD/DIR/REV rising, Figure 1
620
ns
M1, M2 Low-Side Propagation
Delay
tPF
RL = 1kΩ, CL = 50pF,
PWM/FWD/DIR/REV falling, Figure 1
583
ns
Current Regulation Fixed
Off-Time
tOFF
PWM/FWD = high, EN = low,
VSNS > VSNS_TH
7.8
15
22
μs
Current Regulation Minimum
On-Time
tCR_BL
PWM/FWD = high, EN = low,
VSNS > VSNS_TH
2.5
μs
Overcurrent Blanking Time
tOC_BL
M1/M2 is shorted to VDD or GND,
Figure 2
1
μs
Overcurrent Autoretry Timeout
tOC_TO
PWM/FWD = high, EN = low,
IM or IM2 > IM_OL, Figure 2
2
ms
Enable Turn-On Delay
tEN_ON
PWM/FWD = high, RL = 1kΩ,
CL = 50pF, EN falling,
M1/M2 rising to 10%, Figure 3
23
μs
Enable Turn-Off Delay
tEN_OFF
PWM/FWD = high, RL = 1kΩ,
CL = 50pF, EN rising,
M1/M2 falling to 90%, Figure 3
50
μs
MAX14870/MAX14872
Compact 4.5V to 36V
Full-Bridge DC Motor Drivers
www.maximintegrated.com
Maxim Integrated │ 4
AC Electrical Characteristics


Similar Part No. - MAX14870_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14870ETC++ MAXIM-MAX14870ETC+ Datasheet
430Kb / 15P
   Compact 4.5V to 36V Full-Bridge DC Motor Drivers
2017
MAX14870EVKIT MAXIM-MAX14870EVKIT Datasheet
414Kb / 7P
   Operates from a Wide 4.5V to 36V Supply
Rev 2; 10/19
MAX14870 MAXIM-MAX14870_V01 Datasheet
430Kb / 15P
   Compact 4.5V to 36V Full-Bridge DC Motor Drivers
2017
More results

Similar Description - MAX14870_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14870 MAXIM-MAX14870_V01 Datasheet
430Kb / 15P
   Compact 4.5V to 36V Full-Bridge DC Motor Drivers
2017
MAX14871 MAXIM-MAX14871 Datasheet
468Kb / 15P
   4.5V to 36V Full-Bridge DC Motor Driver
Rev 0; 9/14
MAX14871 MAXIM-MAX14871_14 Datasheet
468Kb / 15P
   4.5V to 36V Full-Bridge DC Motor Driver
Rev 0; 9/14
MAX14870 MAXIM-MAX14870 Datasheet
487Kb / 15P
   Full-Bridge DC Motor Drivers
Rev 0; 9/14
logo
Allegro MicroSystems
2953 ALLEGRO-2953 Datasheet
565Kb / 7P
   FULL-BRIDGE PWM MOTOR DRIVERS
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
DRV8800 TI1-DRV8800_12 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com