Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16820ATT+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16820ATT+T
Description  2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16820ATT+T Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX16820ATT+T Datasheet HTML 1Page - Maxim Integrated Products MAX16820ATT+T Datasheet HTML 2Page - Maxim Integrated Products MAX16820ATT+T Datasheet HTML 3Page - Maxim Integrated Products MAX16820ATT+T Datasheet HTML 4Page - Maxim Integrated Products MAX16820ATT+T Datasheet HTML 5Page - Maxim Integrated Products MAX16820ATT+T Datasheet HTML 6Page - Maxim Integrated Products MAX16820ATT+T Datasheet HTML 7Page - Maxim Integrated Products MAX16820ATT+T Datasheet HTML 8Page - Maxim Integrated Products MAX16820ATT+T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MOSFET Selection
The MAX16819/MAX16820’s gate driver is capable of
sourcing 0.5A and sinking 1A of current. MOSFET
selection is based on the maximum input operating
voltage VIN, output current ILED, and operating switch-
ing frequency. Choose a MOSFET that has a higher
breakdown voltage than the maximum operation voltage,
low RDS(ON), and low total charge for better efficiency.
MOSFET threshold voltage must be adequate if operated
at the low end of the input-voltage operating range.
Freewheeling Diode Selection
The forward voltage of the freewheeling diode should be
as low as possible for better efficiency. A Schottky diode
is a good choice as long as the breakdown voltage is high
enough to withstand the maximum operating voltage.
The forward current rating of the diode must be at least
equal to the maximum LED current.
LED Current Ripple
The LED current ripple is equal to the inductor current
ripple. In cases when a lower LED current ripple is need-
ed, a capacitor can be placed across the LED terminals.
PCB Layout Guidelines
Careful PCB layout is critical to achieve low switching
losses and stable operation. Use a multilayer board when-
ever possible for better noise immunity. Minimize ground
noise by connecting high-current ground returns, the input
bypass-capacitor ground lead, and the output-filter ground
lead to a single point (star ground configuration). In normal
operation, there are two power loops. One is formed when
the MOSFET is on and the high current flows through IN—
RSENSE—LEDs—Inductor—MOSFET—GND. The other
loop is formed when the MOSFET is off when the high
current circulates through RSENSE—LEDs—Inductor—
freewheeling diode. To minimize noise interaction, each
loop area should be as small as possible.
Place RSENSE as close as possible to the input filter
and IN. For better noise immunity, a Kelvin connection
is strongly recommended between CSN and RSENSE.
Connect the exposed paddle to a large-area ground plane
for improved power dissipation.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
6 TDFN-EP
T633+2
21-0137
90-0058
MAX16819/MAX16820
2MHz High-Brightness LED Drivers with
High-Side Current Sense and 5000:1 Dimming
www.maximintegrated.com
Maxim Integrated │ 8
Chip Information
PROCESS: BiCMOS
Package Information
For the latest package outline information and land patterns
(footprints), go to
www.maximintegrated.com/packages. Note
that a “+”, “#”, or “-” in the package code indicates RoHS status
only. Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.


Similar Part No. - MAX16820ATT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16820ATT+T MAXIM-MAX16820ATT+T Datasheet
216Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 0; 12/06
MAX16820ATT+T MAXIM-MAX16820ATT+T Datasheet
867Kb / 9P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
2017
More results

Similar Description - MAX16820ATT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16819 MAXIM-MAX16819 Datasheet
216Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 0; 12/06
logo
Kingbor Technology Co
KB1365 KINGBOR-KB1365 Datasheet
265Kb / 9P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
logo
Maxim Integrated Produc...
MAX16819ATT MAXIM-MAX16819ATT Datasheet
220Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 1; 3/07
MAX16819 MAXIM-MAX16819_V01 Datasheet
867Kb / 9P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
2017
MAX16822A MAXIM-MAX16822A_10 Datasheet
188Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 1/10
MAX16832A MAXIM-MAX16832A_10 Datasheet
238Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 2/10
MAX16832A MAXIM-MAX16832A_15 Datasheet
265Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 7; 2/15
MAX16822A MAXIM-MAX16822A Datasheet
226Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16832CASA-T MAXIM-MAX16832CASA-T Datasheet
253Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 6; 7/12
MAX16822 MAXIM-MAX16822 Datasheet
222Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com