Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX31790 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX31790
Description  6-Channel PWM-Output Fan RPM Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31790 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX31790_15 Datasheet HTML 1Page - Maxim Integrated Products MAX31790_15 Datasheet HTML 2Page - Maxim Integrated Products MAX31790_15 Datasheet HTML 3Page - Maxim Integrated Products MAX31790_15 Datasheet HTML 4Page - Maxim Integrated Products MAX31790_15 Datasheet HTML 5Page - Maxim Integrated Products MAX31790_15 Datasheet HTML 6Page - Maxim Integrated Products MAX31790_15 Datasheet HTML 7Page - Maxim Integrated Products MAX31790_15 Datasheet HTML 8Page - Maxim Integrated Products MAX31790_15 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
Fan Control Characteristics
(TA = -40°C to +125°C, typical values are VCC = 3.3V, TA = +25°C, unless otherwise noted.) (Note 3)
I2C AC Electrical Characteristics
(VCC = +3.0V to +5.5V, TA = -40°C to +125°C, timing referenced to VIL(MAX) and VIH(MIN), unless otherwise noted.) (Notes 3, 8)
(Figure 1)
www.maximintegrated.com
Maxim Integrated │ 3
MAX31790
6-Channel PWM-Output Fan RPM Controller
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Serial Clock Frequency
fSCL
DC
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
F
s
START Condition Hold Time
tHD:STA
0.6
F
s
STOP Condition Setup Time
tSU:STO
90% of SCL to 10% of SDA
600
ns
Clock Low Period
tLOW
1.3
F
s
Clock High Period
tHIGH
0.6
F
s
START Condition Setup Time
tSU:STA
90% of SCL to 90% of SDA
100
ns
Data Setup Time
tSU:DAT
10% of SDA to 10% of SCL
100
ns
Data In Hold Time
tHD:DAT
10% of SCL to 10% of SDA (Note 9)
0
0.9
F
s
Maximum Receive SCL/SDA Rise
Time
tR
(Note 10)
300
ns
Minimum Receive SCL/SDA Rise
Time
tR
(Note 10)
20 + 0.1 x CB
ns
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PWM Resolution
9
9
Bits
PWM Frequency Accuracy
-6
+6
%
TACH Count Resolution
11
11
Bits
TACH Count Oscillator and
CLKOUT Clock
fTOSC
(Note 7)
32.768
kHz
TACH Count Oscillator and
CLKOUT Accuracy (Note 7)
fERR:TOSC
Using internal oscillator:
TA = +25°C, VCC = 3.3V
-0.5
+0.5
%
Using internal oscillator:
0
°C < TA < +70°C, 3.0V < VCC < 3.6V
-2.5
+2.5
Using internal oscillator:
-40
°C < TA < +125°C, 3.0V < VCC < 3.6V
-4.0
+4.0
Using internal oscillator:
-40
°C < TA < +125°C, 3.0V < VCC < 5.5V
-7.0
+7.0
Using external crystal
-0.1
+0.1
TACH Minimum Input Pulse
Width
tTACHMIN
Pulse width must be greater than this value
to be detected
25
75
F
s


Similar Part No. - MAX31790_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31790ATI++ MAXIM-MAX31790ATI+ Datasheet
2Mb / 43P
   6-Channel PWM-Output Fan RPM Controller
Rev 0; 12/12
MAX31790ATI+T MAXIM-MAX31790ATI+T Datasheet
2Mb / 43P
   6-Channel PWM-Output Fan RPM Controller
Rev 0; 12/12
MAX31790EVKIT MAXIM-MAX31790EVKIT Datasheet
1Mb / 19P
   Fully Assembled and Tested
19-6552; Rev 0; 12/12
MAX31790EVKIT# MAXIM-MAX31790EVKIT# Datasheet
1Mb / 19P
   Fully Assembled and Tested
19-6552; Rev 0; 12/12
MAX31790 MAXIM-MAX31790_V01 Datasheet
1Mb / 46P
   6-Channel PWM-Output Fan RPM Controller
2020
More results

Similar Description - MAX31790_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31790 MAXIM-MAX31790 Datasheet
2Mb / 43P
   6-Channel PWM-Output Fan RPM Controller
Rev 0; 12/12
MAX31790 MAXIM-MAX31790_V01 Datasheet
1Mb / 46P
   6-Channel PWM-Output Fan RPM Controller
2020
logo
SMSC Corporation
EMC2301 SMSC-EMC2301 Datasheet
653Kb / 42P
   RPM-Based PWM Fan Controller
EMC2301 SMSC-EMC2301_11 Datasheet
662Kb / 43P
   RPM-Based PWM Fan Controller
EMC2303 SMSC-EMC2303 Datasheet
796Kb / 51P
   Multiple RPM-Based PWM Fan Controller
EMC2302 SMSC-EMC2302 Datasheet
678Kb / 44P
   Dual RPM-Based PWM Fan Controller
EMC2302 SMSC-EMC2302_11 Datasheet
688Kb / 45P
   Dual RPM-Based PWM Fan Controller
logo
Microchip Technology
EMC2301 MICROCHIP-EMC2301 Datasheet
969Kb / 70P
   Single/Multiple RPM-Based PWM Fan Controller
02/28/20
logo
SMSC Corporation
EMC2305 SMSC-EMC2305 Datasheet
861Kb / 55P
   Multiple RPM-Based PWM Fan Controller for Five Fans
EMC2303 SMSC-EMC2303_11 Datasheet
805Kb / 52P
   Multiple RPM-Based PWM Fan Controller for Three Fans
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com