Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM9722CAA-N Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM9722CAA-N
Description  CMOS voltage detector IC for battery-operated portable devices
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM9722CAA-N Datasheet(HTML) 4 Page - ELM Electronics

  ELM9722CAA-N Datasheet HTML 1Page - ELM Electronics ELM9722CAA-N Datasheet HTML 2Page - ELM Electronics ELM9722CAA-N Datasheet HTML 3Page - ELM Electronics ELM9722CAA-N Datasheet HTML 4Page - ELM Electronics ELM9722CAA-N Datasheet HTML 5Page - ELM Electronics ELM9722CAA-N Datasheet HTML 6Page - ELM Electronics ELM9722CAA-N Datasheet HTML 7Page - ELM Electronics ELM9722CAA-N Datasheet HTML 8Page - ELM Electronics ELM9722CAA-N Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
150
VOLTAGE DETECTOR ELM97xxxxA
TIMING CHART
BLOCK DIAGRAM
1.CMOS Output
2.N-ch Opendrain Output
VREF
VDD
OUT
VSS
+
-
VDD
VSS
VREF
+
-
OUT
VDETN
VHYS
VopMin
tPHL
tPLH
VSS
VSS
VDETP
VDD
OUT
MAXIMUM ABSOLUTE RATINGS
(VSS=0V)
Parameter
Limits
Units
Power Supply Voltage
10
V
CMOS
VSS-0.3~VDD+0.3
N-ch
VSS-0.3~+10
Output Current
50
mA
SOT-89
300
SOT-23
200
Operating Temperature
-30~+80
Storage Temperature
-40~+125
Output Voltage
Power Dissipation
VOUT
Pd
Symbol
VDD
IOUT
Top
Tstg
V
mW


Similar Part No. - ELM9722CAA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM9724CAB-N ELM-TECH-ELM9724CAB-N Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM9724CAB-S ELM-TECH-ELM9724CAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM9724CBB-N ELM-TECH-ELM9724CBB-N Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM9724CBB-S ELM-TECH-ELM9724CBB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM9724NAB-N ELM-TECH-ELM9724NAB-N Datasheet
105Kb / 9P
   CMOS Voltage detector
More results

Similar Description - ELM9722CAA-N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9168 VISHAY-SI9168 Datasheet
122Kb / 10P
   Synchronous Buck or Boost Controller for 2-Cell Li Battery Operated Portable Communication Devices
Rev. A, 10-Jan--00
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com