Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGQ150-48S05B-4L Datasheet(PDF) 7 Page - Emerson Network Power

Part # AGQ150-48S05B-4L
Description  48Vdc Input, 5Vdc 30A Output Quarter-brick
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AGQ150-48S05B-4L Datasheet(HTML) 7 Page - Emerson Network Power

Back Button AGQ150-48S05B-4L Datasheet HTML 3Page - Emerson Network Power AGQ150-48S05B-4L Datasheet HTML 4Page - Emerson Network Power AGQ150-48S05B-4L Datasheet HTML 5Page - Emerson Network Power AGQ150-48S05B-4L Datasheet HTML 6Page - Emerson Network Power AGQ150-48S05B-4L Datasheet HTML 7Page - Emerson Network Power AGQ150-48S05B-4L Datasheet HTML 8Page - Emerson Network Power AGQ150-48S05B-4L Datasheet HTML 9Page - Emerson Network Power AGQ150-48S05B-4L Datasheet HTML 10Page - Emerson Network Power AGQ150-48S05B-4L Datasheet HTML 11Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AGQ150-48S05 DC-DC Converter
7/13
http://www.emersonnetworkpower.com.cn
Figure 9
Output voltage startup by remote ON,
(2ms/div), see Figure 11 for test configuration;
CH1-remote ON (5V/div); CH2-output voltage (2V/div)
Figure 10 Output voltage shutdown by remote OFF,
(1ms/div), see Figure 11 for test configuration;
CH1-remote OFF voltage (5V/div); CH2-output voltage
(2V/div)


Similar Part No. - AGQ150-48S05B-4L

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AGQ100-48S12 EMERSON-NETWORKPOWER-AGQ100-48S12 Datasheet
523Kb / 16P
   48Vdc Input,12Vdc 8.3A Output
AGQ100-48S12-6Y EMERSON-NETWORKPOWER-AGQ100-48S12-6Y Datasheet
523Kb / 16P
   48Vdc Input,12Vdc 8.3A Output
AGQ100-48S12B-6Y EMERSON-NETWORKPOWER-AGQ100-48S12B-6Y Datasheet
523Kb / 16P
   48Vdc Input,12Vdc 8.3A Output
logo
Ohmite Mfg. Co.
AGQ1000RE OHMITE-AGQ1000RE Datasheet
43Kb / 1P
   Epoxy Molded Precision Wirewound Axial Terminals
logo
Nais(Matsushita Electri...
AGQ10A03Z NAIS-AGQ10A03Z Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
More results

Similar Description - AGQ150-48S05B-4L

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AGF600-48S30 EMERSON-NETWORKPOWER-AGF600-48S30 Datasheet
493Kb / 15P
   48Vdc Input, 30Vdc 20A Output Full-brick
ALQ07-D EMERSON-NETWORKPOWER-ALQ07-D Datasheet
143Kb / 2P
   Dual output Quarter Brick
logo
Power-One
Q2S30ZA POWER-ONE-Q2S30ZA Datasheet
100Kb / 2P
   Q2S Series - 30A Quarter Brick DC/DC Converter 48V Input 1.5V to 3.3V Output
QLS30ZB POWER-ONE-QLS30ZB Datasheet
143Kb / 8P
   QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
HHS05Z55-NT7 POWER-ONE-HHS05Z55-NT7 Datasheet
247Kb / 12P
   48VDC Input, 60 Amp Half-Brick Converter
HHS05Z55-NT POWER-ONE-HHS05Z55-NT Datasheet
247Kb / 12P
   48VDC Input, 60 Amp Half-Brick Converter
logo
Emerson Network Power
TQN20A EMERSON-NETWORKPOWER-TQN20A Datasheet
107Kb / 4P
   Quarter-brick narrow input IBC
logo
Galaxy Power, Inc.
GAMW5V020 GALAXY-GAMW5V020 Datasheet
973Kb / 7P
   48V Input, 5VDC, 20A Output
logo
Emerson Network Power
AGQ100-48S12 EMERSON-NETWORKPOWER-AGQ100-48S12 Datasheet
523Kb / 16P
   48Vdc Input,12Vdc 8.3A Output
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
   Quarter-Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com