Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS4424BRH Datasheet(PDF) 10 Page - Intersil Corporation

Part # HS4424BRH
Description  Dual, Noninverting Power MOSFET Radiation Hardened Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS4424BRH Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HS4424BRH Datasheet HTML 6Page - Intersil Corporation HS4424BRH Datasheet HTML 7Page - Intersil Corporation HS4424BRH Datasheet HTML 8Page - Intersil Corporation HS4424BRH Datasheet HTML 9Page - Intersil Corporation HS4424BRH Datasheet HTML 10Page - Intersil Corporation HS4424BRH Datasheet HTML 11Page - Intersil Corporation HS4424BRH Datasheet HTML 12Page - Intersil Corporation HS4424BRH Datasheet HTML 13Page - Intersil Corporation HS4424BRH Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
HS-4424DRH, HS4424DEH
10
FN8747.2
October 15, 2015
Submit Document Feedback
Post High, Low Dose Rate Radiation Characteristics Unless otherwise specified,
VS = 12V, TA = +25°C. This data is typical mean test data post 300kRAD (Si) radiation exposure at a high dose exposure rate of 50 to 300rad(Si)/s and
post 50kRAD (Si) radiation exposure at a high dose exposure rate of <10mrad(Si)/s. This data is intended to show typical parameter shifts due to high
dose rate radiation. These are not limits nor are they guaranteed.
FIGURE 23. 18V SUPPLY CURRENT vs HDR RADIATION
FIGURE 24. 18V INPUT CURRENT vs HDR RADIATION
FIGURE 25. OUTPUT VOLTAGE vs HDR RADIATION
FIGURE 26. PROPAGATION DELAY vs HDR RADIATION
FIGURE 27. RISE/FALL TIME vs HDR RADIATION
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
0
krad(Si)
300
ICCSB HIGH
ICCSB LOW
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
0
krad(Si)
300
IILA
IILB
IIHA
IIHB
0.310
0.315
0.320
0.325
0.330
0.335
0.340
0.345
0.350
0.355
0.360
11.40
11.41
11.42
11.43
11.44
11.45
11.46
11.47
11.48
11.49
11.50
0
300
krad(Si)
VOL B
VOL A
VOH A
VOH B
165
170
175
180
185
190
195
200
205
0
krad(Si)
300
tPHL B
tPLH B
tPLH A
tPHL A
62.0
62.5
63.0
63.5
64.0
64.5
65.0
0
300
krad(Si)
tr A
tr B
tf B
tf A


Similar Part No. - HS4424BRH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS4-10 ETC2-HS4-10 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
logo
Richco, Inc.
HS4-10 RICHCO-HS4-10 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
logo
List of Unclassifed Man...
HS4-12 ETC2-HS4-12 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
logo
Richco, Inc.
HS4-12 RICHCO-HS4-12 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
logo
List of Unclassifed Man...
HS4-14 ETC2-HS4-14 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
More results

Similar Description - HS4424BRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-4423RH INTERSIL-HS-4423RH_14 Datasheet
201Kb / 3P
   Radiation Hardened Dual, Inverting Power MOSFET Drivers
February 11, 2014
HS-4423RH INTERSIL-HS-4423RH Datasheet
56Kb / 2P
   Radiation Hardened Dual, Inverting Power MOSFET Drivers
HS-4424RH INTERSIL-HS-4424RH_14 Datasheet
255Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
HS-4424RH INTERSIL-HS-4424RH Datasheet
56Kb / 2P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
5962F9956004V9A INTERSIL-5962F9956004V9A Datasheet
227Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
logo
Renesas Technology Corp
ISL74422ARH RENESAS-ISL74422ARH Datasheet
142Kb / 3P
   Radiation Hardened 9A, Non-Inverting Power MOSFET Drivers
April 1, 2010
logo
International Rectifier
IRHM57064 IRF-IRHM57064 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHM7250SE IRF-IRHM7250SE Datasheet
140Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHMS57260SE IRF-IRHMS57260SE Datasheet
184Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHF9230 IRF-IRHF9230 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com