Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68201IRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL68201IRZ
Description  Single-Phase R4 Digital Hybrid PWM Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL68201IRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL68201IRZ Datasheet HTML 3Page - Intersil Corporation ISL68201IRZ Datasheet HTML 4Page - Intersil Corporation ISL68201IRZ Datasheet HTML 5Page - Intersil Corporation ISL68201IRZ Datasheet HTML 6Page - Intersil Corporation ISL68201IRZ Datasheet HTML 7Page - Intersil Corporation ISL68201IRZ Datasheet HTML 8Page - Intersil Corporation ISL68201IRZ Datasheet HTML 9Page - Intersil Corporation ISL68201IRZ Datasheet HTML 10Page - Intersil Corporation ISL68201IRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ISL68201
7
FN8696.1
March 7, 2016
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
VCC, PVCC, VSEN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7.0V
Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +27V
7VLDO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to GND, 7.75V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to GND, VCC + 0.3V
ESD Rating
Human Body Model (Tested per JS-001-2010) . . . . . . . . . . . . . . . . .2.5kV
Machine Model (Tested per JESD22-A115C) . . . . . . . . . . . . . . . . . 200V
Charge Device Model (Tested per JS-002-2014) . . . . . . . . . . . . . . . . 1kV
Latch-Up (Tested per JESD78D, Class 2, Level A) . . . . ±100mA at +125°C
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
24 Ld QFN (Notes 4, 5) . . . . . . . . . . . . . . . .
39
2.5
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-55°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Wide Range Input Voltage, VIN, Figure 1. . . . . . . . . . . . . . . . . 4.75V to 24V
5V Application Input Voltage, VIN, VCC, PVCC, Figure 2 . . . . . . 4.5V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications All typical specifications TA = +25°C, VCC = 5V. Boldface limits apply across the operating temperature range,
-40°C to +85°C, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT
VCC AND PVCC
VCC Input Bias Current
IVCC
EN = 5V, VCC = 5V, fSW = 500kHz, DAC = 1V
14
16.5
mA
EN = 0V, VCC = 5V
14
16.5
mA
PVCC Input Bias Current
IPVCC
EN = 5V, VCC = 5V, fSW = 500kHz, DAC = 1V
2
mA
EN = 0V, VCC = 5V
1.0
mA
VCC AND VIN POR THRESHOLD
VCC, PVCC Rising POR Threshold Voltage
4.2
4.35
V
VCC, PVCC Falling POR Threshold Voltage
3.80
3.95
4.15
V
VIN, 7VLDO Rising POR Threshold Voltage
4.2
4.35
V
VIN, 7VLDO Falling O POR Threshold Voltage
3.80
3.95
4.15
V
ENABLE INPUT
EN High Threshold Voltage
VENTHR
0.81
0.84
0.87
V
EN Low Threshold Voltage
VENTHF
0.71
0.76
0.81
V
DAC ACCURACY
DAC Accuracy
(TA = 0°C to +85°C)
2.5V < DAC ≤ 5.5V
-0.5
0.5
%
1.6V < DAC ≤ 2.5V
-0.75
0.75
%
1.2V < DAC ≤ 1.6V
-10
10
mV
0.5V ≤ DAC ≤ 1.2V
-8
8
mV
DAC Accuracy
(TA = -45°C to +85°C)
2.5V < DAC ≤ 5.5V
-0.75
0.75
%
1.6V < DAC ≤ 2.5V
-1.0
1.0
%
1.2V < DAC ≤ 1.6V
-11
11
mV
0.5V ≤ DAC ≤ 1.2V
-9
9
mV


Similar Part No. - ISL68201IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL68201IRZ RENESAS-ISL68201IRZ Datasheet
1Mb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with PMBus/SMBus/I2C and PFM
More results

Similar Description - ISL68201IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL68201 RENESAS-ISL68201 Datasheet
1Mb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with PMBus/SMBus/I2C and PFM
ISL68200 RENESAS-ISL68200 Datasheet
1Mb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C, and PFM
logo
Intersil Corporation
ISL68200 INTERSIL-ISL68200 Datasheet
755Kb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C and PFM
March 7, 2016
ISL6367H INTERSIL-ISL6367H Datasheet
131Kb / 2P
   Green Hybrid Digital Dual 6-Phase 1 Phase PWM Controller
logo
List of Unclassifed Man...
ZSPM1025A ETC2-ZSPM1025A Datasheet
2Mb / 46P
   True Digital PWM Controller (Single-Phase, Single-Rail)
ZSPM1005 ETC2-ZSPM1005 Datasheet
644Kb / 24P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1025C RENESAS-ZSPM1025C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 22, 2016
ZSPM1501ZA1W0 RENESAS-ZSPM1501ZA1W0 Datasheet
8Mb / 102P
   True-Digital PWM Controller (Single-Phase, Single-Rail)
January 27, 2016
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1035C RENESAS-ZSPM1035C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com