Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80030FRZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL80030FRZ-T
Description  3A Synchronous Buck Converter In 2x2 DFN Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80030FRZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL80030FRZ-T Datasheet HTML 2Page - Intersil Corporation ISL80030FRZ-T Datasheet HTML 3Page - Intersil Corporation ISL80030FRZ-T Datasheet HTML 4Page - Intersil Corporation ISL80030FRZ-T Datasheet HTML 5Page - Intersil Corporation ISL80030FRZ-T Datasheet HTML 6Page - Intersil Corporation ISL80030FRZ-T Datasheet HTML 7Page - Intersil Corporation ISL80030FRZ-T Datasheet HTML 8Page - Intersil Corporation ISL80030FRZ-T Datasheet HTML 9Page - Intersil Corporation ISL80030FRZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ISL80030, ISL80030A, ISL80031, ISL80031A
6
FN8766.0
July 20, 2015
Submit Document Feedback
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
TAPE AND REEL
QUANTITY
PART
MARKING
TECHNICAL
SPECIFICATIONS
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL80030FRZ-T
1000
030
1MHz, PWM
-40 to +125
8 Ld DFN
L8.2x2E
ISL80030FRZ-T7A
250
030
1MHz, PWM
-40 to +125
8 Ld DFN
L8.2x2E
ISL80030AFRZ-T
1000
30A
2MHz, PWM
-40 to +125
8 Ld DFN
L8.2x2E
ISL80030AFRZ-T7A
250
30A
2MHz, PWM
-40 to +125
8 Ld DFN
L8.2x2E
ISL80031FRZ-T
1000
031
1MHz, PFM
-40 to +125
8 Ld DFN
L8.2x2E
ISL80031FRZ-T7A
250
031
1MHz, PFM
-40 to +125
8 Ld DFN
L8.2x2E
ISL80031AFRZ-T
1000
31A
2MHz, PFM
-40 to +125
8 Ld DFN
L8.2x2E
ISL80031AFRZ-T7A
250
31A
2MHz, PFM
-40 to +125
8 Ld DFN
L8.2x2E
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL80030, ISL80030A, ISL80031, ISL80031A. For more information on
MSL please see techbrief TB363.


Similar Part No. - ISL80030FRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80030FRZ-T RENESAS-ISL80030FRZ-T Datasheet
1Mb / 20P
   3A Synchronous Buck Converter in 2x2 DFN Package
ISL80030FRZ-T7A RENESAS-ISL80030FRZ-T7A Datasheet
1Mb / 20P
   3A Synchronous Buck Converter in 2x2 DFN Package
More results

Similar Description - ISL80030FRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80030 RENESAS-ISL80030 Datasheet
1Mb / 20P
   3A Synchronous Buck Converter in 2x2 DFN Package
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
   3A Synchronous Buck Converter
logo
Alpha & Omega Semicondu...
AON2810 AOSMD-AON2810 Datasheet
86Kb / 1P
   DFN 2X2 PACKAGE MARKING DESCRIPTION
logo
Lite-On Technology Corp...
LSP5523 LITEON-LSP5523 Datasheet
641Kb / 16P
   3A 27V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5523 DIODES-LSP5523 Datasheet
836Kb / 17P
   3A 27V Synchronous Buck Converter
Rev. 7 - 2 May 2022
logo
E-CMOS Corporation
EC3284S E-CMOS-EC3284S Datasheet
1,005Kb / 9P
   3A 28V Synchronous Buck Converter
logo
Seaward Electronics Inc...
SE1484 SEAWARD-SE1484 Datasheet
670Kb / 8P
   3A 27V Synchronous Buck Converter
logo
Richtek Technology Corp...
RT5753A RICHTEK-RT5753A Datasheet
972Kb / 28P
   3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
May 2022
logo
Anpec Electronics Corop...
APW7142 ANPEC-APW7142 Datasheet
525Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_09 Datasheet
557Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com