Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80030FRZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL80030FRZ-T
Description  3A Synchronous Buck Converter In 2x2 DFN Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80030FRZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL80030FRZ-T Datasheet HTML 1Page - Intersil Corporation ISL80030FRZ-T Datasheet HTML 2Page - Intersil Corporation ISL80030FRZ-T Datasheet HTML 3Page - Intersil Corporation ISL80030FRZ-T Datasheet HTML 4Page - Intersil Corporation ISL80030FRZ-T Datasheet HTML 5Page - Intersil Corporation ISL80030FRZ-T Datasheet HTML 6Page - Intersil Corporation ISL80030FRZ-T Datasheet HTML 7Page - Intersil Corporation ISL80030FRZ-T Datasheet HTML 8Page - Intersil Corporation ISL80030FRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
DATASHEET
3A Synchronous Buck Converter In 2x2 DFN Package
ISL80030, ISL80030A, ISL80031, ISL80031A
The ISL80030, ISL80030A, ISL80031 and ISL80031A are highly
efficient, monolithic, synchronous step-down DC/DC converters
that can deliver up to 3A of continuous output current from a 2.7V
to 5.5V input supply. They use peak current mode control
architecture to allow very low duty cycle operation. They operate
at either a 1MHz or 2MHz switching frequency, thereby providing
superior transient response and allowing for the use of small
inductors. They have excellent stability.
The ISL80030, ISL80030A, ISL80031 and ISL80031A integrate
very low rDS(ON) MOSFETs in order to maximize efficiency. In
addition, since the high-side MOSFET is a PMOS, the need for a
Boot capacitor is eliminated, thereby reducing external
component count. They can operate at 100% duty cycle.
The ISL80031, ISL80031A configured for PFM discontinuous
conduction operation, provides high efficiency by reducing
switching losses at light loads.
ISL80030, ISL80030A configured for PWM pulse width
modulation operation, provides a fast transient response,
which helps reduce the output noise and RF interference.
These devices are offered in a space saving 8 pin 2mmx2mm
DFN lead-free package with exposed pad for improved thermal
performance. The complete converter occupies less than
64mm2 area.
Features
•VIN range 2.7V to 5.5V
• Up to 3A of output current
• Switching frequency is 1MHz or 2MHz (see Table 1 on page 3)
• 35µA quiescent current (ISL80031/A)
• Overcurrent and short-circuit protection
• Over-temperature/thermal protection
• Negative current protection
• Power-good and enable
• 100% duty cycle
• Internal soft-start and soft-stop
•VIN undervoltage lockout and VOUT overvoltage protection
• Up to 95% peak efficiency
Applications
• General purpose POL
• Industrial, instrumentation and medical equipment
• Telecom and networking equipment
•Game console
FIGURE 1. TYPICAL APPLICATION CIRCUIT CONFIGURATION
FIGURE 2. EFFICIENCY vs LOAD, ISL80031, VIN = 5V, TA = +25°C
R1
R2
VO
VFB
------------ 1


=
(EQ. 1)
VIN
VIN
EN
PG
PHASE
FB
PGND
PGND
1
3
2
4
8
6
7
5
VOUT
L1
C1
22µF
C2
GND
VIN
GND
EN
PG
ISL80030/ISL80031
EPAD
9
+2.7V …+5.5V
+1.8V/3A
22µF
100k
 1%
0.6V
C3
22pF
R2
R1
200k
 1%
7
60
67
73
80
87
93
100
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
VOUT = 1.8V
VOUT = 2.5V
LOAD (A)
VOUT = 3.3V
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
July 20, 2015
FN8766.0


Similar Part No. - ISL80030FRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80030FRZ-T RENESAS-ISL80030FRZ-T Datasheet
1Mb / 20P
   3A Synchronous Buck Converter in 2x2 DFN Package
ISL80030FRZ-T7A RENESAS-ISL80030FRZ-T7A Datasheet
1Mb / 20P
   3A Synchronous Buck Converter in 2x2 DFN Package
More results

Similar Description - ISL80030FRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80030 RENESAS-ISL80030 Datasheet
1Mb / 20P
   3A Synchronous Buck Converter in 2x2 DFN Package
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
   3A Synchronous Buck Converter
logo
Alpha & Omega Semicondu...
AON2810 AOSMD-AON2810 Datasheet
86Kb / 1P
   DFN 2X2 PACKAGE MARKING DESCRIPTION
logo
Lite-On Technology Corp...
LSP5523 LITEON-LSP5523 Datasheet
641Kb / 16P
   3A 27V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5523 DIODES-LSP5523 Datasheet
836Kb / 17P
   3A 27V Synchronous Buck Converter
Rev. 7 - 2 May 2022
logo
E-CMOS Corporation
EC3284S E-CMOS-EC3284S Datasheet
1,005Kb / 9P
   3A 28V Synchronous Buck Converter
logo
Seaward Electronics Inc...
SE1484 SEAWARD-SE1484 Datasheet
670Kb / 8P
   3A 27V Synchronous Buck Converter
logo
Richtek Technology Corp...
RT5753A RICHTEK-RT5753A Datasheet
972Kb / 28P
   3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
May 2022
logo
Anpec Electronics Corop...
APW7142 ANPEC-APW7142 Datasheet
525Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_09 Datasheet
557Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com