Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68201 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL68201
Description  Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C and PFM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL68201 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL68201 Datasheet HTML 6Page - Intersil Corporation ISL68201 Datasheet HTML 7Page - Intersil Corporation ISL68201 Datasheet HTML 8Page - Intersil Corporation ISL68201 Datasheet HTML 9Page - Intersil Corporation ISL68201 Datasheet HTML 10Page - Intersil Corporation ISL68201 Datasheet HTML 11Page - Intersil Corporation ISL68201 Datasheet HTML 12Page - Intersil Corporation ISL68201 Datasheet HTML 13Page - Intersil Corporation ISL68201 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ISL68200
10
FN8705.1
March 7, 2016
Submit Document Feedback
Operation
The following sections will provide a detailed description of the
ISL68200 operation.
IC Supplies
The ISL68200 has 4 bias pins: VIN, 7VLDO, PVCC and VCC. The
PVCC and 7VLDO voltage rails are 5V LDO and 7.4V LDO supplied
by VIN, respectively, while the VCC pin needs to connect to PVCC
rail externally to be biased. For 5V input applications, all these
pins should be tied together and biased by a 5V supply. Since the
VIN pin voltage information is used by the R4™ Modulator loop,
the user CANNOT bias VIN with a series resistor. In addition, the
VIN pin CANNOT be biased independently from other rails.
Enable and Disable
The IC is disabled until the 7VLDO, PVCC, VCC, VIN and EN pins
increase above their respective rising threshold voltages and the
typical 5.5ms timeout (worst case = 6.5ms) expires, as shown in
Figures 22 and 23 on page 22. The controller will become
disabled when the 7VLDO, PVCC, VCC, VIN or EN pins drop below
their respective falling POR threshold voltages.
The precision threshold EN pin allows the user to set a precision
input UVLO level with an external resistor divider, as shown in
Figure 4. For 5V input applications or wide range input
applications, the EN pin can directly connect to VCC, as shown in
Figure 5. If an external enable control signal is available and is an
open-drain signal, a pull-up impedance (100k or higher) can be
used.
In addition, based upon ON_OFF_CONFIG [02h] setting, the IC be
enabled or disabled by series bus command “OPERATION [01h]”
and/or EN pin. See Table 11 on page 25 for more details.
Resistor Reader (Patented)
The ISL68200 offers four programming pins to customize their
regulator specifications. The details of these pins are summarized
in Table 2, followed by the detailed description of resistor reader
operation.
Intersil has developed a high resolution ADC using a patented
technique with a simple 1%, 100ppm/K or better temperature
coefficient resistor divider. The same type of resistors are
preferred so that it has similar change over-temperature. In
addition, the divider is compared to the internal divider off VCC
and GND nodes and therefore must refer to VCC and GND pins,
not through any RC decoupling network.
FIGURE 4. INPUT UVP CONFIGURATION
EXTERNAL CIRCUIT
ISL68200
100k
9.09k
VIN
SOFT-
EN
START
VIN UVLO = 10.2V/9.24V
FIGURE 5. 5V INPUT OR WIDE RANGE INPUT CONFIGURATION
EXTERNAL CIRCUIT
ISL68200
VCC
SOFT-
EN
START
REN is ONLY needed when the user wants to
REN
control the IC with an external enable signal
OPTIONAL
VIN UVLO = 4.20/3.95V
TABLE 2. DEFINITION OF PROG PINS
PIN
BIT
NAME
DESCRIPTION
PROG1 [7:0]
BOOT-UP
VOLTAGE
Set output boot-up voltage, 256 different
options: 0, 0.5V to 5.5V (see Table 7)
PROG2 [7:7]
PWM/PFM
Enables PFM mode or forced PWM.
[6:5]
Temperature
Compensation
Adjust NTC temperature compensation:
OFF, +5, +15, +30°C.
[4:0]
ADDR
Set serial bus 32 different addresses
(see Table 10).
PROG3 [7:7]
uSPFM
Ultrasonic (25kHz clamp) PFM enable
[6:6] Fault Behavior OCP fault behavior:
Latch, Infinite 9ms retry
[5:3]
FSW
Set switching frequency (fSW).
[2:0]
R4™ Gain
Set error amplifier gain (AV).
PROG4 [7:5]
RAMP_RATE
Set soft-start and DVID ramp rate.
[4:3]
RR
Select RR impedance for R4™ loop.
[2:2]
AVMLTI
Select AV Gain Multiplier (1x or 2x)
[1:0]
Not Used
FIGURE 6. SIMPLIFIED RESISTOR DIVIDER ADC
EXTERNAL CIRCUIT
ISL68200
RUP
RDW
VCC
ADC
REGISTER
TABLE


Similar Part No. - ISL68201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL68201 INTERSIL-ISL68201 Datasheet
770Kb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller
March 7, 2016
logo
Renesas Technology Corp
ISL68201 RENESAS-ISL68201 Datasheet
1Mb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with PMBus/SMBus/I2C and PFM
logo
Intersil Corporation
ISL68201-99125DEMO1Z INTERSIL-ISL68201-99125DEMO1Z Datasheet
520Kb / 13P
   25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
logo
Renesas Technology Corp
ISL68201-99125DEMO1Z RENESAS-ISL68201-99125DEMO1Z Datasheet
1Mb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with PMBus/SMBus/I2C and PFM
ISL68201-99125DEMO1Z RENESAS-ISL68201-99125DEMO1Z Datasheet
845Kb / 13P
   25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
More results

Similar Description - ISL68201

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL68200 RENESAS-ISL68200 Datasheet
1Mb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C, and PFM
ISL68201 RENESAS-ISL68201 Datasheet
1Mb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with PMBus/SMBus/I2C and PFM
logo
Intersil Corporation
ISL68201 INTERSIL-ISL68201 Datasheet
770Kb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller
March 7, 2016
logo
Renesas Technology Corp
ISL6369 RENESAS-ISL6369 Datasheet
164Kb / 2P
   Green Hybrid Digital Dual Enable 61 Phase PWM Controller With SMBus/PMBus/I2C and AUTO Phase
ISL6367 RENESAS-ISL6367 Datasheet
165Kb / 2P
   Green Hybrid Digital Dual 61 Phase PWM Controller for VR12/IMVP7 Applications With SMBus/PMBus/I2C and AUTO Phase
logo
Analog Devices
DC1613A AD-DC1613A Datasheet
309Kb / 8P
   I2C/SMBUS/PMBUS Controller
logo
Intersil Corporation
ISL8601 INTERSIL-ISL8601 Datasheet
99Kb / 4P
   Single-Phase, PMBus-Enabled PWM Controller with Integrated FET Drivers
logo
Richtek Technology Corp...
RTQ8826 RICHTEK-RTQ8826 Datasheet
3Mb / 78P
   Single Rail 6-Phase PWM Controller with PMBus
September 2022
logo
Intersil Corporation
ISL78229 INTERSIL-ISL78229 Datasheet
1Mb / 71P
   2-Phase Boost Controller with Drivers and I2C/PMBus
February 12, 2016
logo
Renesas Technology Corp
ISL78229 RENESAS-ISL78229 Datasheet
3Mb / 73P
   2-Phase Boost Controller with Drivers and I2C/PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com