Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADLD8403 Datasheet(PDF) 9 Page - Analog Devices

Part # ADLD8403
Description  Ultralow Power, Adaptive Linear Power,Dual-Port ADSL/ADSL2 Line Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADLD8403 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADLD8403 Datasheet HTML 2Page - Analog Devices ADLD8403 Datasheet HTML 3Page - Analog Devices ADLD8403 Datasheet HTML 4Page - Analog Devices ADLD8403 Datasheet HTML 5Page - Analog Devices ADLD8403 Datasheet HTML 6Page - Analog Devices ADLD8403 Datasheet HTML 7Page - Analog Devices ADLD8403 Datasheet HTML 8Page - Analog Devices ADLD8403 Datasheet HTML 9Page - Analog Devices ADLD8403 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheet
ADLD8403
MULTITONE POWER RATIO (MTPR)
The DMT signal used in ADSL/ADSL2+ systems carries data in
discrete tones or bins, which appear in the frequency domain in
evenly spaced 4.3125 kHz intervals. In applications using this
type of waveform, the MTPR is commonly used to measure ac
linearity. In general, designers are concerned with two types of
MTPR: in-band and out-of-band. In-band MTPR is the
measured difference from the peak of one tone that is loaded
with data to the peak of an adjacent empty tone. Out-of-band
MTPR is the spurious emissions that occur in bands just below
and above the transmit band. For ADSL2+ applications, the
out-of-band MTPR is the receive band between 25.875 kHz and
138 kHz and the region above 2.208 MHz. Figure 13 shows the
out-of-band MTPR for the ADLD8403.
0
–80
–70
–60
–50
–40
–30
–20
–10
0
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (MHz)
Figure 13. Out-of-Band MTPR
LIGHTNING AND AC POWER FAULT
As an ADSL/ADSL2+ line driver, the ADLD8403 is transformer
coupled to the twisted pair telephone line. In this environment,
the ADLD8403 is subject to large line transients resulting from
events such as lightning strikes or downed power lines. Additional
circuitry is required to protect the ADLD8403 from damage due
to these events.
Rev. C | Page 9 of 10


Similar Part No. - ADLD8403

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADLD8403ACPZ-R2 AD-ADLD8403ACPZ-R2 Datasheet
438Kb / 11P
   Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
ADLD8403ACPZ-R7 AD-ADLD8403ACPZ-R7 Datasheet
438Kb / 11P
   Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
ADLD8403ACPZ-RL AD-ADLD8403ACPZ-RL Datasheet
438Kb / 11P
   Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
ADLD8403 AD-ADLD8403_16 Datasheet
438Kb / 11P
   Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
More results

Similar Description - ADLD8403

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADLD8403 AD-ADLD8403_16 Datasheet
438Kb / 11P
   Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
AD8393 AD-AD8393 Datasheet
83Kb / 1P
   Adaptive Linear Power 12 V ADSL-CO Line Driver
REV. SpA
AD8392A AD-AD8392A Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8394 AD-AD8394 Datasheet
66Kb / 2P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Rev. Sp0
AD8392 AD-AD8392 Datasheet
529Kb / 16P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8392A AD-AD8392A_16 Datasheet
570Kb / 13P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
logo
Intersil Corporation
EL1537B INTERSIL-EL1537B Datasheet
46Kb / 2P
   Dual Channel CO ADSL2 Line Driver
ISL1535 INTERSIL-ISL1535 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
logo
Analog Devices
AD8393 AD-AD8393_15 Datasheet
89Kb / 1P
   Adaptive Linear Power
REV. SpA
logo
Intersil Corporation
ISL1536IRZ INTERSIL-ISL1536IRZ Datasheet
356Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
February 15, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com