Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2905 Datasheet(PDF) 4 Page - Analog Devices

Part # ADN2905
Description  CPRI and 10G Ethernet Data Recovery IC with Amp/EQ from 614.4 Mbps to 10.3125 Gbps
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2905 Datasheet(HTML) 4 Page - Analog Devices

  ADN2905 Datasheet HTML 1Page - Analog Devices ADN2905 Datasheet HTML 2Page - Analog Devices ADN2905 Datasheet HTML 3Page - Analog Devices ADN2905 Datasheet HTML 4Page - Analog Devices ADN2905 Datasheet HTML 5Page - Analog Devices ADN2905 Datasheet HTML 6Page - Analog Devices ADN2905 Datasheet HTML 7Page - Analog Devices ADN2905 Datasheet HTML 8Page - Analog Devices ADN2905 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ADN2905
Data Sheet
Rev. A | Page 4 of 27
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VCC1
2.4576 Gbps
31.7
mA
3.072 Gbps
16.2
mA
4.9152 Gbps
31.8
mA
6.144 Gbps
16.1
mA
9.8304 Gbps
32.8
mA
TOTAL POWER DISSIPATION
0 dB EQ input mode, clock output disabled
2.4576 Gbps
305.7
mW
3.072 Gbps
249.3
mW
4.9152 Gbps
304.5
mW
6.144 Gbps
287.7
mW
9.8304 Gbps
349.5
mW
OPERATING TEMPERATURE RANGE
−40
+85
°C
1 This typical acquisition specification applies to all selectable reference clock frequencies in the range of 11.05 MHz to 176.8 MHz.
JITTER SPECIFICATIONS
TA = TMIN to TMAX, VCC = VCCMIN to VCCMAX, VCC1 = VCC1MIN to VCC1MAX, VDD = VDDMIN to VDDMAX, VEE = 0 V, input data pattern =
PRBS 223 − 1, ac-coupled to 100 Ω differential termination load, I2C register default settings, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
TRANSMITTER JITTERS
Deterministic Jitter
T_DJ
CPRI = 9.8304 Gbps, K28.5 + D5.6 and K28.5 + D16.2
6.98
ps
Random Jitter
T_RJ
CPRI = 9.8304 Gbps, K28.5 + D5.6 and K28.5 + D16.2
0.36
ps
Duty Cycle Distortion
T_DCD
CPRI = 9.8304 Gbps, K28.5 + D5.6 and K28.5 + D16.2
0.57
ps
Total Jitter
TJ
SFF-8431, 64B/66B, 10.3125 Gbps
13.6
ps
Data Dependent Jitter
DDJ
SFF-8431, PRBS 29 − 1, 10.3125 Gbps
7.37
ps
Data Dependent Pulse
Width Shrinkage
DDPWS
SFF-8431, PRBS 29 − 1, 10.3125 Gbps
4.58
ps
Uncorrelated Jitter
UJ
SFF-8431, 64B/66B, 10.3125 Gbps
0.14
ps
RECEIVER JITTERS
Total Jitter Tolerance
TJT
SFF-8431, 10.3125 Gbps
82.4
ps
99% Jitter
J2
SFF-8431, 10.3125 Gbps
55.5
ps
Data Dependent Pulse
Width Shrinkage
DDPWS
SFF-8431, 10.3125 Gbps
33.7
ps


Similar Part No. - ADN2905

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2913 AD-ADN2913 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2913ACPZ AD-ADN2913ACPZ Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2913ACPZ-RL7 AD-ADN2913ACPZ-RL7 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2915 AD-ADN2915 Datasheet
776Kb / 36P
   Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2915ACPZ AD-ADN2915ACPZ Datasheet
776Kb / 36P
   Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
More results

Similar Description - ADN2905

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2913 AD-ADN2913 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2915 AD-ADN2915 Datasheet
776Kb / 36P
   Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2917 AD-ADN2917 Datasheet
703Kb / 32P
   Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
logo
Vitesse Semiconductor C...
VSC8238 VITESSE-VSC8238 Datasheet
477Kb / 2P
   10.3125 Gbps Advanced Electronic Equalization with Limiting Amplifier, and Clock and Data Recovery
logo
National Semiconductor ...
SCAN12100 NSC-SCAN12100 Datasheet
348Kb / 14P
   1228.8 and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
SCAN25100_0611 NSC-SCAN25100_0611 Datasheet
328Kb / 14P
   2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
logo
Source Photonics, Inc.
SPPL-OR-XE-BX-IDFF SOURCE-SPPL-OR-XE-BX-IDFF Datasheet
345Kb / 7P
   Support 10G Ethernet, CPRI and Fiber Channel application
SPPL-RO-XE-BX-IDFF SOURCE-SPPL-RO-XE-BX-IDFF Datasheet
326Kb / 7P
   Support 10G Ethernet, CPRI and Fiber Channel application
logo
Texas Instruments
SCAN25100 TI1-SCAN25100_16 Datasheet
334Kb / 38P
[Old version datasheet]   SCAN25100 2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
logo
Analog Devices
ADN2806 AD-ADN2806 Datasheet
408Kb / 20P
   622 Mbps Clock and Data Recovery IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com