Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3100CEE+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3100CEE+
Description  SPI/MICROWIRE-Compatible UART in QSOP-16
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3100CEE+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3100CEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX3100CEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX3100CEE+ Datasheet HTML 9Page - Maxim Integrated Products MAX3100CEE+ Datasheet HTML 10Page - Maxim Integrated Products MAX3100CEE+ Datasheet HTML 11Page - Maxim Integrated Products MAX3100CEE+ Datasheet HTML 12Page - Maxim Integrated Products MAX3100CEE+ Datasheet HTML 13Page - Maxim Integrated Products MAX3100CEE+ Datasheet HTML 14Page - Maxim Integrated Products MAX3100CEE+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
SPI/MICROWIRE-Compatible
UART in QSOP-16
IRQ
N
RM MASK
TM MASK
PM MASK
TRANSITION ON RX
SHUTDOWN
RAM MASK
FRAMING ERROR
SHUTDOWN
RAM MASK
R
S
Q
R
NEW DATA AVAILABLE
DATA READ
TRANSMIT BUFFER EMPTY
DATA READ
PE = 1 AND RECEIVED PARITY BIT = 1
PE = 0 OR RECEIVED PARITY BIT = 0
T
Pr
RA
FE
R
S
Q
R
S
Q
Figure 6. Interrupt Sources and Masks Functional Diagram
Table 6. Interrupt Sources and Masks—Bit Descriptions
MEANING
WHEN SET
DESCRIPTION
Received parity bit = 1
Transition on RX when
in shutdown; framing
error when not in
shutdown
RA/FE
RAM
This is the RA (RX-transition) bit in shutdown, and the FE (framing-error) bit in
operating mode. RA is set if there has been a transition on RX since entering
shutdown. RA is cleared when the MAX3100 exits shutdown. IRQ is asserted
when RA is set and RAM = 1.
FE is determined solely by the currently received data, and is not stored in FIFO.
The FE bit is set if a zero is received when the first stop bit is expected. FE is
cleared upon receipt of the next properly framed character. IRQ is asserted
when FE is set and RAM = 1.
MASK
BIT
Pr
PM
The Pr bit reflects the value in the word currently in the receive-buffer register
(oldest data available). The Pr bit is set when parity is enabled (PE = 1) and the
received parity bit is 1. The Pr bit is cleared either when parity is not enabled (PE
= 0), or when parity is enabled and the received bit is 0. An interrupt is issued
based on the oldest Pr value in the receiver FIFO. The oldest Pr value is the next
value that will be read by a Read Data operation.
BIT
NAME
Data available
R
RM
The R bit is set when new data is available to be read from the receive register/
FIFO. FIFO is cleared when all data has been read. An interrupt is asserted as long
as R = 1 and RM = 1.
Transmit buffer is
empty
T
TM
The T bit is set when the transmit buffer is ready to accept data. IRQ is asserted
low if TM = 1 and the transmit buffer becomes empty. This source is cleared on
CS’s rising edge during a Read Data operation. Although the interrupt is cleared,
T may be polled to determine transmit-buffer status.
Interrupt Sources and Masks
A Read Data operation clears the interrupt IRQ. Table
6 gives the details for each interrupt source. Figure 6
shows the functional diagram for the interrupt sources
and mask blocks.
MAX3100
Maxim Integrated
11
MAX3100


Similar Part No. - MAX3100CEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3100CEE++ MAXIM-MAX3100CEE+ Datasheet
292Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
More results

Similar Description - MAX3100CEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3100 MAXIM-MAX3100_09 Datasheet
292Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3100 MAXIM-MAX3100 Datasheet
263Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
19-1259; Rev 0; 7/97
MAX3110E MAXIM-MAX3110E Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3110E MAXIM-MAX3110E_05 Datasheet
315Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Rev 1; 12/05
MAX3140 MAXIM-MAX3140 Datasheet
468Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 0; 6/99
MAX3140 MAXIM-MAX3140_V01 Datasheet
383Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 1; 9/10
MAX3110E MAXIM-MAX3110E_15 Datasheet
287Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESD-Protected RS-232 Transceivers with Internal Capacitors
Rev 2; 2/15
MAX5480 MAXIM-MAX5480 Datasheet
64Kb / 6P
   8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
logo
Holtek Semiconductor In...
HT45B0F HOLTEK-HT45B0F_12 Datasheet
163Kb / 23P
   SPI-to-UART Bridge
HT45B0F HOLTEK-HT45B0F Datasheet
165Kb / 23P
   SPI-to-UART Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com