Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3110E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3110E
Description  SPI/MICROWIRE-Compatible UART and 짹15kV ESD-Protected RS-232 Transceivers with Internal Capacitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3110E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3110E_15 Datasheet HTML 1Page - Maxim Integrated Products MAX3110E_15 Datasheet HTML 2Page - Maxim Integrated Products MAX3110E_15 Datasheet HTML 3Page - Maxim Integrated Products MAX3110E_15 Datasheet HTML 4Page - Maxim Integrated Products MAX3110E_15 Datasheet HTML 5Page - Maxim Integrated Products MAX3110E_15 Datasheet HTML 6Page - Maxim Integrated Products MAX3110E_15 Datasheet HTML 7Page - Maxim Integrated Products MAX3110E_15 Datasheet HTML 8Page - Maxim Integrated Products MAX3110E_15 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
MAX3110E/MAX3111E
SPI/MICROWIRE-Compatible UART
and ±15kV ESD-Protected RS-232
Transceivers with Internal Capacitors
Maxim Integrated | 2
www.maximintegrated.com
Absolute Maximum Ratings
Electrical Characteristics—MAX3110E
(VCC = +4.5V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are measured for baud rate set to 9600baud at
VCC = +5V, TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND (MAX3110E) ........................................-0.3V to +6V
VCC to GND (MAX3111E).........................................-0.3V to +4V
V+ to GND (Note 1) ..................................................-0.3V to +7V
V- to GND (Note 1) ...................................................+0.3V to -7V
V+ to V- (Note 1) ..................................................................+13V
Input Voltages to GND
CS, X1, CTS, RX, DIN, SCLK.................. -0.3V to (VCC + 0.3V)
T_IN, SHDN ...........................................................-0.3V to +6V
R_IN ..................................................................................±25V
Output Voltage to GND
DOUT, RTS, TX, X2 .................................-0.3V to (VCC + 0.3V)
IRQ .......................................................................-0.3V to +6V
T_OUT ...........................................................................±13.2V
R_OUT .....................................................-0.3V to (VCC + 0.3V)
TX, RTS Output Current ....................................................100mA
Short-Circuit Duration
X2, DOUT, IRQ (to VCC or GND).............................Continuous
T_OUT (to GND) .....................................................Continuous
Continuous Power Dissipation (TA = +70°C)
28-pin Wide SO (derate 12.5mW/°C above +70°C) ...........1W
28-pin Plastic DIP (derate 14.3mW/°C above +70°C) ....1.14W
Operating Temperature Ranges
MAX311_EC_ _ .................................................. 0°C to +70°C
MAX311_EE_ _ ................................................-40°C to +85°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
PDIP lead(Pb)-free ........................................................+225°C
PDIP containing lead(Pb)..............................................+240°C
Wide SO lead(Pb)-free..................................................+225°C
Wide SO containing lead(Pb) .......................................+240°C
Note 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference should not exceed 13V.
SHDNi bit = 1
SHDNi bit = 0
2
Input Current
IIN1
25
µA
VX1 = 0 or 5.5V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL1
0.2VCC
V
Input High Voltage
VIH1
0.7VCC
V
V
Supply Current with Hardware
and Software Shutdown
ICCSHDN(H+ S)
320
µA
Input Capacitance
CIN1
5
pF
Input High Voltage
VIH2
0.7VCC
V
Input Low Voltage
VIL2
0.3VCC
V
Supply Current
ICC
0.6
2
mA
Supply Current with Hardware
Shutdown
ICCSHDN(H)
0.48
1
mA
Input Hysteresis
VHYST2
250
mV
Input Leakage Current
ILKG1
±1
µA
Input Capacitance
CIN2
5
pF
Input High Voltage
VIH3
2.4
Input Low Voltage
VIL3
0.8
V
Transmitter Input Hysteresis
VHYST3
500
mV
Input Leakage Current
IIN3
±0.01
±1
µA
CONDITIONS
SHDN = GND, SHDNi bit = 1 (Note 4)
VCC = 5V
SHDN = VCC, no load
SHDN = GND (Note 3)
DC CHARACTERISTICS (VCC = +5V, TA = +25°C)
UART OSCILLATOR INPUT (X1)
UART LOGIC INPUTS (DIN, SCLK,
CS, CTS, RX))
RS-232 LOGIC INPUTS (T_IN,
SHDN))


Similar Part No. - MAX3110E_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3110E-MAX3111E MAXIM-MAX3110E-MAX3111E Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3110ECNI MAXIM-MAX3110ECNI Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3110ECNI MAXIM-MAX3110ECNI Datasheet
315Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Rev 1; 12/05
MAX3110ECWI MAXIM-MAX3110ECWI Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3110ECWI MAXIM-MAX3110ECWI Datasheet
315Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Rev 1; 12/05
More results

Similar Description - MAX3110E_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3110E MAXIM-MAX3110E Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3110E MAXIM-MAX3110E_05 Datasheet
315Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Rev 1; 12/05
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3233E MAXIM-MAX3233E Datasheet
144Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 0; 4/99
MAX3233E MAXIM-MAX3233E_V01 Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com