Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3224ECAP+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3224ECAP+
Description  ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3224ECAP+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3224ECAP+ Datasheet HTML 3Page - Maxim Integrated Products MAX3224ECAP+ Datasheet HTML 4Page - Maxim Integrated Products MAX3224ECAP+ Datasheet HTML 5Page - Maxim Integrated Products MAX3224ECAP+ Datasheet HTML 6Page - Maxim Integrated Products MAX3224ECAP+ Datasheet HTML 7Page - Maxim Integrated Products MAX3224ECAP+ Datasheet HTML 8Page - Maxim Integrated Products MAX3224ECAP+ Datasheet HTML 9Page - Maxim Integrated Products MAX3224ECAP+ Datasheet HTML 10Page - Maxim Integrated Products MAX3224ECAP+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
±15kV ESD-Protected, 1µA, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
______________________________________________________________ Pin Description
PIN
MAX3224E
MAX3225E
MAX3226E
MAX3227E
TQFN
DIP/
SSOP/
TSSOP
TQFN
SSOP/
TSSOP
MAX3244E
MAX3245E
SO/ SSOP/ TSSOP
MAX3245E
TQFN
NAME
FUNCTION
19
1
14
1
READY
Ready to Transmit Output,
active-high. READY is
enabled high when V- goes
below -4V and the device is
ready to transmit.
1
2
16
2
28
31
C1+
Positive Terminal of Voltage-
Doubler Charge-Pump
Capacitor
20
3
15
3
27
30
V+
+5.5V generated by the
charge pump
2
4
1
4
24
26
C1-
Negative Terminal of Voltage-
Doubler Charge-Pump
Capacitor
3
5
2
5
1
33
C2+
Positive Terminal of Inverting
Charge-Pump Capacitor
4
6
3
6
2
34
C2-
Negative Terminal of
Inverting Charge-Pump
Capacitor
5
7
4
7
3
35
V-
-5.5V Generated by the
Charge Pump
6, 15
8, 17
10
13
9, 10, 11
7, 8, 9
T_OUT
RS-232 Transmitter Outputs
7, 14
9, 16
5
8
4-8
1-5
R_IN
RS-232 Receiver Inputs
8, 13
10, 15
6
9
15-19
15, 16, 17,
19, 20
R_OUT
TTL/CMOS Receiver Outputs
9
11
7
10
21
23
INVALID
Valid Signal Detector Output,
active low. A logic high
indicates that a valid RS-232
level is present on a receiver
input.
10, 11
12, 13
8
11
12-14
11, 12, 13
T_IN
TTL/CMOS Transmitter Inputs
Maxim Integrated
7
MAX3224E/MAX3225E/
MAX3226E/MAX3227E/MAX3244E/MAX3245E


Similar Part No. - MAX3224ECAP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3224ECAP++ MAXIM-MAX3224ECAP+ Datasheet
2Mb / 25P
   짹15kV ESD-Protected, 1關A, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
19-1339; Rev 11; 11/18
More results

Similar Description - MAX3224ECAP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3221E MAXIM-MAX3221E_14 Datasheet
659Kb / 19P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_V01 Datasheet
2Mb / 25P
   짹15kV ESD-Protected, 1關A, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
19-1339; Rev 11; 11/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com