Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3223ECPP+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3223ECPP+
Description  ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3223ECPP+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3223ECPP+ Datasheet HTML 1Page - Maxim Integrated Products MAX3223ECPP+ Datasheet HTML 2Page - Maxim Integrated Products MAX3223ECPP+ Datasheet HTML 3Page - Maxim Integrated Products MAX3223ECPP+ Datasheet HTML 4Page - Maxim Integrated Products MAX3223ECPP+ Datasheet HTML 5Page - Maxim Integrated Products MAX3223ECPP+ Datasheet HTML 6Page - Maxim Integrated Products MAX3223ECPP+ Datasheet HTML 7Page - Maxim Integrated Products MAX3223ECPP+ Datasheet HTML 8Page - Maxim Integrated Products MAX3223ECPP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AVAILABLE
Functional Diagrams
Pin Configurations appear at end of data sheet.
Functional Diagrams continued at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
General Description
The MAX3221E/MAX3223E/MAX3243E are 3V-powered
EIA/TIA-232 and V.28/V.24 communications interfaces
with automatic shutdown/wakeup features, high data-
rate capabilities, and enhanced electrostatic discharge
(ESD) protection. All transmitter outputs and receiver
inputs are protected to ±15kV using IEC 1000-4-2 Air-
Gap Discharge, to ±8kV using IEC 1000-4-2 Contact
Discharge, and to ±15kV using the Human Body Model.
The MAX3221E/MAX3223E/MAX3243E achieve a
1µA supply current with Maxim’s revolutionary
AutoShutdown™ feature. They save power without
changes to the existing BIOS or operating system by enter-
ing low-power shutdown mode when the RS-232 cable is
disconnected, or when the transmitters of the connected
peripherals are off.
The transceivers have a proprietary low-dropout trans-
mitter output stage, delivering true RS-232 performance
from a +3.0V to +5.5V supply with a dual charge pump.
The charge pump requires only four small 0.1µF capaci-
tors for operation from a +3.3V supply. Each device is
guaranteed to run at data rates of 250kbps while main-
taining RS-232 output levels.
The MAX3221E contains just one driver and one receiver,
making it the smallest single-supply RS-232 transceiver.
The MAX3223E has two drivers and two receivers. The
MAX3243E is a complete 3-driver/5-receiver serial port
ideal for notebook or subnotebook computers. It also
includes two noninverting receiver outputs that are always
active, allowing external devices to be monitored without
forward biasing the protection diodes in circuitry that may
be powered down.
The MAX3221E, MAX3223E, and MAX3243E are avail-
able in space-saving TQFN, SSOP, and TSSOP pack-
ages.
Applications
Notebook, Subnotebook, and Palmtop Computers
Cellular Phones
Battery-Powered Equipment
Handheld Equipment
Peripherals
Printers
Next Generation Device Features
o For Space-Constrained Applications:
MAX3228E/MAX3229E: ±15kV ESD-Protected, +2.5V
to +5.5V RS-232 Transceivers in UCSP™
MAX3222E/MAX3232E/MAX3237E/MAX3241E/
MAX3246E: ±15kV ESD-Protected Down to 10nA,
+3.0V to +5.5V, Up to 1Mbps, True RS-232
Transceivers (MAX3246E Available in a UCSP
Package)
o For Data Cable Applications:
MAX3380E/MAX3381E: +2.35V to +5.5V, 1µA,
2Tx/2Rx RS-232 Transceivers with ±15kV ESD-
Protected I/O and Logic Pins
±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps,
RS-232 Transceivers with AutoShutdown
AutoShutdown and UCSP are trademarks of Maxim Integrated Products, Inc.
Covered by U.S. Patent numbers 4,636,930; 4,679,134; 4,777,577; 4,797,899; 4,809,152; 4,897,774; 4,999,761; 5,649,210; and other patents pending.
Pin Configurations appear at end of data sheet.
Typical Operating Circuits appear at end of data sheet.
*Exposed pad.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V
denotes an automotive qualified part.
Ordering Information continued at end of data sheet.
Ordering Information
Selector Guide
PART
NO. OF
DRIVERS/
RECEIVERS
VCC
RANGE
(V)
AutoShutdown
MAX3221E
1/1
+3.0 to +5.5
MAX3223E
2/2
+3.0 to +5.5
MAX3243E
3/5
+3.0 to +5.5
PART
TEMP RANGE
PIN-PACKAGE
MAX3221ECTE+
0°C to +70°C
16 TQFN-EP*
MAX3221ECUE+
0°C to +70°C
16 TSSOP
MAX3221ECAE+
0°C to +70°C
16 SSOP
MAX3221EEAE+
-40°C to +85°C
16 SSOP
MAX3221EETE+
-40°C to +85°C
16 TQFN-EP*
MAX3221EEUE+
-40°C to +85°C
16 TSSOP
MAX3223ECPP+
0°C to +70°C
20 PDIP
MAX3223ECAP+
0°C to +70°C
20 SSOP
MAX3223ECUP+
0°C to +70°C
20 TSSOP
MAX3223ECTP+
0°C to +70°C
20 TQFN-EP*
MAX3223EEPP+
-40°C to +85°C
20 PDIP
MAX3223EEAP+
-40°C to +85°C
20 SSOP
MAX3223EEUP+
-40°C to +85°C
20 TSSOP
MAX3223EETP+
-40°C to +85°C
20 TQFN-EP*
MAX3223EEUP/V+
-40°C to +85°C
20 TSSOP
19-1283; Rev 7; 8/11
MAX3221E/
MAX3223E/MAX3243E


Similar Part No. - MAX3223ECPP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3223ECPP MAXIM-MAX3223ECPP Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3223ECPP MAXIM-MAX3223ECPP Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
More results

Similar Description - MAX3223ECPP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com