Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX31913 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX31913
Description  Industrial, Octal, Digital Input Translator/Serializer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31913 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX31913_15 Datasheet HTML 3Page - Maxim Integrated Products MAX31913_15 Datasheet HTML 4Page - Maxim Integrated Products MAX31913_15 Datasheet HTML 5Page - Maxim Integrated Products MAX31913_15 Datasheet HTML 6Page - Maxim Integrated Products MAX31913_15 Datasheet HTML 7Page - Maxim Integrated Products MAX31913_15 Datasheet HTML 8Page - Maxim Integrated Products MAX31913_15 Datasheet HTML 9Page - Maxim Integrated Products MAX31913_15 Datasheet HTML 10Page - Maxim Integrated Products MAX31913_15 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Typical Operating Characteristics (continued)
(TA = +25°C, RREF = 15kω, unless otherwise noted.)
MAX31913
Industrial, Octal, Digital Input
Translator/Serializer
Maxim Integrated │ 7
www.maximintegrated.com
LDO LINE REGULATION
SUPPLY VOLTAGE (V)
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
4.90
6
36
31
26
21
16
11
I5VOUT = 50mA
LDO OUTPUT VOLTAGE
vs. TEMPERATURE
AMBIENT TEMPERATURE (°C)
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
4.90
-40
110
60
10
I5VOUT = 0mA
LDO OUTPUT
vs. VCC24V FIELD SUPPLY
SUPPLY VOLTAGE (V)
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
4.5
4
34
24
14
I5VOUT = 50mA
LDO OUTPUT VOLTAGE
vs. TEMPERATURE
AMBIENT TEMPERATURE (°C)
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
4.90
-40
110
60
10
I5VOUT = 5mA


Similar Part No. - MAX31913_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31913EVKIT# MAXIM-MAX31913EVKIT# Datasheet
1Mb / 12P
   Fully Assembled and Tested
19-6753; Rev 0; 7/13
More results

Similar Description - MAX31913_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31911 MAXIM-MAX31911_12 Datasheet
2Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 1; 9/12
MAX31911 MAXIM-MAX31911_13 Datasheet
765Kb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 2; 10/13
MAX31913 MAXIM-MAX31913 Datasheet
1Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 0; 3/13
MAX31911 MAXIM-MAX31911_V01 Datasheet
878Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
19-6441; Rev 7; 8/17
MAX31910 MAXIM-MAX31910_V01 Datasheet
888Kb / 19P
   Ultra-Low Power Industrial, Octal, Digital Input Translator/Serializer
19-6440; Rev 6; 8/17
logo
Texas Instruments
SN65HVS882 TI-SN65HVS882_1 Datasheet
555Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
743Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
758Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS881 TI1-SN65HVS881_16 Datasheet
1Mb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
SN65HVS881 TI-SN65HVS881 Datasheet
839Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com