Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8513-201-1S Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT8513-201-1S
Description  ACT8513 48-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8513-201-1S Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT8513-201-1S Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8513-201-1S Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8513-201-1S Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8513-201-1S Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8513-201-1S Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8513-201-1S Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8513-201-1S Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8513-201-1S Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SCD8513 Rev D 11/17/08
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS 1/
Parameter
Range
Units
Case Operating Temperature Range
-55 to +125
°C
Storage Temperature Range
-65 to +150
°C
Supply Voltage
+VEE (Pin 44)
-VEE (Pin 46)
VREF (Pin 48)
+20
-20
+7.5
V
V
V
Digital Input Overvoltage
VEN (Pins 5, 91, 92), VA (Pins 1, 3, 93, 95)
< VREF +0.5
> GND -0.5
V
V
Analog Input Over Voltage
VS
±18V
V
Notes:
1/ All measurements are made with respect to ground.
NOTICE: Stresses above those listed under "Absolute Maximums Rating" may cause permanent damage to the device. These are stress rating only;
functional operation beyond the "Operation Conditions" is not recommended and extended exposure beyond the "Operation Conditions" may
affect device reliability.
RECOMMENDED OPERATING CONDITIONS 1/
Symbol
Parameter
Typical
Units
+VEE
+15V Power Supply Voltage
+15.0
V
-VEE
-15V Power Supply Voltage
-15.0
V
VREF
Reference Voltage
+5.00
V
VAL
Logic Low Level
+0.8
V
VAH
Logic High Level
+4.0
V
Notes:
1/ Power Supply turn-on sequence shall be as follows: -VEE, VREF, followed by +VEE.
DC ELECTRICAL PERFORMANCE CHARACTERISTICS 1/
(Tc = -55°C to +125°C, -VEE = -15V, VREF = +5.0V, +VEE = +15V -- Unless otherwise specified)
Paramete r
Symbol
Conditions
Min
Max
Units
Supply Current
+IEE
VEN(0-47) = VA(0-3) = 0
01.5
mA
-IEE
-1.5
0
mA
+ISBY
VEN(0-47) = 4V, VA(0-3) = 0 7/
01.5
mA
-ISBY
-1.5
0
mA
Address Input Current
IAL(0-3)
VA = 0V
-3
3
μA
IAH(0-3)
VA = 5V
-3
3
μA
Enable Input Current
IENL(0-15)
VEN(0-15) = 0V
-1
1
μA
IENH(0-15)
VEN(0-15) = 5V
-1
1
μA
IENL(16-31)
VEN(16-31) = 0V
-1
1
μA
IENH(16-31)
VEN(16-31) = 5V
-1
1
μA
IENL(32-47)
VEN(32-47) = 0V
-1
1
μA
IENH(32-47)
VEN(32-47) = 5V
-1
1
μA


Similar Part No. - ACT8513-201-1S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8510 AEROFLEX-ACT8510 Datasheet
102Kb / 8P
   ACT8510 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511 AEROFLEX-ACT8511 Datasheet
98Kb / 8P
   ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511-201-1S AEROFLEX-ACT8511-201-1S Datasheet
98Kb / 8P
   ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511-7 AEROFLEX-ACT8511-7 Datasheet
98Kb / 8P
   ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511-S AEROFLEX-ACT8511-S Datasheet
98Kb / 8P
   ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
More results

Similar Description - ACT8513-201-1S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8512 AEROFLEX-ACT8512 Datasheet
99Kb / 8P
   ACT8512 48-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
MUX8520 AEROFLEX-MUX8520 Datasheet
89Kb / 8P
   MUX8520 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
ACT8510 AEROFLEX-ACT8510 Datasheet
102Kb / 8P
   ACT8510 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
MUX8530 AEROFLEX-MUX8530 Datasheet
89Kb / 8P
   MUX8530 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8508 AEROFLEX-ACT8508 Datasheet
279Kb / 8P
   ACT8508 32-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511 AEROFLEX-ACT8511 Datasheet
98Kb / 8P
   ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8503 AEROFLEX-ACT8503 Datasheet
84Kb / 10P
   ACT8503 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module
ACT8502 AEROFLEX-ACT8502 Datasheet
89Kb / 10P
   ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module
MUX8523 AEROFLEX-MUX8523 Datasheet
92Kb / 8P
   MUX8523 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
ACT8506 AEROFLEX-ACT8506 Datasheet
286Kb / 8P
   ACT8506 48-Channel Analog Multiplexer Module Radiation Tolerant
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com