Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DP159 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP159
Description  SNx5DP159 6 Gbps DP to HDMI Retimer
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DP159 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75DP159 Datasheet HTML 3Page - Texas Instruments SN75DP159 Datasheet HTML 4Page - Texas Instruments SN75DP159 Datasheet HTML 5Page - Texas Instruments SN75DP159 Datasheet HTML 6Page - Texas Instruments SN75DP159 Datasheet HTML 7Page - Texas Instruments SN75DP159 Datasheet HTML 8Page - Texas Instruments SN75DP159 Datasheet HTML 9Page - Texas Instruments SN75DP159 Datasheet HTML 10Page - Texas Instruments SN75DP159 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
SN65DP159, SN75DP159
www.ti.com
SLLSEJ2A – JULY 2015 – REVISED AUGUST 2015
Pin Functions (continued)
PIN
I/O
DESCRIPTION (1)
SIGNAL NAME
RGZ
RSB
Input lane SWAP and polarity control pin when I2C_EN/PIN = Low
I
SWAP/POL = H receive lane polarity swap (retimer mode only)
SWAP/POL (2)
1
N/A
3
SWAP/POL = L receive lanes swap (retimer and redriver mode)
level (1)
SWAP/POL = No Connect normal working
SUPPLY AND GROUND PINS
VCC
13, 43
11, 37
P
3.3-V power supply
14, 23,
12, 19,
VDD
24, 37,
20, 31,
P
1.1-V power supply
48
40
7, 19, 41,
15, 35,
30,
GND
Thermal
G
Ground
Thermal
Pad
Pad
(1) (H) Logic high (pin strapped to VCC through 65-k
Ω resistor); (L) logic low (pin strapped to GND through 65-kΩ resistor); (for mid-level,
no connect)
(2) Blue pin names are only in the SNx5DP159 RGZ package.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN65DP159 SN75DP159


Similar Part No. - SN75DP159

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP159 TI1-SN75DP159 Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN75DP159RGZR TI1-SN75DP159RGZR Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN75DP159RGZT TI1-SN75DP159RGZT Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN75DP159RSBR TI1-SN75DP159RSBR Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN75DP159RSBT TI1-SN75DP159RSBT Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
More results

Similar Description - SN75DP159

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
SN65DP149 TI1-SN65DP149_16 Datasheet
3Mb / 54P
[Old version datasheet]   SNx5DP149 3.4 Gbps DP to HDMI Retimer
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
TMDS181 TI1-TMDS181 Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
DS125DF1610 TI1-DS125DF1610 Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
TDP158 TI1-TDP158 Datasheet
1Mb / 55P
[Old version datasheet]   6-Gbps, AC-Coupled to TMDS or HDMI Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com