Electronic Components Datasheet Search |
|
SN74LV1T34DBVR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
SN74LV1T34DBVR Datasheet(HTML) 6 Page - Texas Instruments |
6 / 20 page SN74LV1T34 SCLS743A – DECEMBER 2013 – REVISED FEBRUARY 2014 www.ti.com 4.3 Absolute Maximum Ratings (1) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 7.0 V VI Input voltage range(2) –0.5 7.0 V Voltage range applied to any output in the high-impedance or power-off state (2) –0.5 4.6 V VO Voltage range applied to any output in the high or low state (2) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –20 mA IOK Output clamp current VO < 0 or VO > VCC ±20 mA IO Continuous output current ±25 mA Continuous current through VCC or GND ±50 mA DBV package 206 Package thermal θJA °C/W impedance(3) DCK package 252 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. (3) The package thermal impedance is calculated in accordance with JESD 51-7. 4.4 Recommended Operating Conditions (1) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage 1.6 5.5 V VI Input voltage 0 5.5 V VO Output voltage 0 Vcc V VCC = 1.8 V –3.0 VCC = 2.5 V –5.0 High-level output IOH mA current VCC = 3.3 V –7.0 VCC = 5.0 V –8.0 VCC = 1.8 V 3.0 VCC = 2.5 V 5.0 Low-level output IOL mA current VCC = 3.3 V 7.0 VCC = 5.0 V 8.0 VCC = 1.8 V 20 Input transition rise or Δt/Δv VCC = 3.3 V or 2.5 V 20 ns/V fall rate VCC = 5.0 V 20 TA Operating free-air temperature –40 125 °C (1) All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 6 Submit Documentation Feedback Copyright © 2013–2014, Texas Instruments Incorporated Product Folder Links: SN74LV1T34 |
Similar Part No. - SN74LV1T34DBVR |
|
Similar Description - SN74LV1T34DBVR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |