Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G125-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G125-Q1
Description  SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G125-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC1G125-Q1 Datasheet HTML 1Page - Texas Instruments SN74LVC1G125-Q1 Datasheet HTML 2Page - Texas Instruments SN74LVC1G125-Q1 Datasheet HTML 3Page - Texas Instruments SN74LVC1G125-Q1 Datasheet HTML 4Page - Texas Instruments SN74LVC1G125-Q1 Datasheet HTML 5Page - Texas Instruments SN74LVC1G125-Q1 Datasheet HTML 6Page - Texas Instruments SN74LVC1G125-Q1 Datasheet HTML 7Page - Texas Instruments SN74LVC1G125-Q1 Datasheet HTML 8Page - Texas Instruments SN74LVC1G125-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical Characteristics
Switching Characteristics
Operating Characteristics
SN74LVC1G125-Q1
SGES002C – APRIL 2003 – REVISED APRIL 2008........................................................................................................................................................... www.ti.com
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
IOH = –100 µA
1.65 V to 5.5 V
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.9
VOH
V
IOH = –16 mA
3 V
2.4
3 V
2.3
IOH = –24 mA
4.5 V
3.8
IOL = 100 µA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
VOL
V
IOL = 16 mA
3 V
0.4
3 V
0.55
IOL = 24 mA
4.5 V
0.55
II
A or OE inputs
VI = 5.5 V or GND
0 to 5.5 V
±5
µA
Ioff
VI or VO = 5.5 V
0
±10
µA
IOZ
VO = 0 to 5.5 V
3.6 V
10
µA
ICC
VI = 5.5 V or GND, IO = 0
1.65 V to 5.5 V
10
µA
One input at VCC – 0.6 V,
ΔICC
3 V to 5.5 V
500
µA
Other inputs at VCC or GND
Ci
VI = VCC or GND
3.3 V
4
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1)
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tpd
A
Y
1
5.1
1
4.1
ns
ten
OE
Y
1
6
1
5
ns
tdis
OE
Y
1
5
0.5
4.2
ns
TA = 25°C
VCC = 3.3 V
VCC = 5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
Outputs enabled
19
21
Cpd
Power dissipation capacitance
f = 10 MHz
pF
Outputs disabled
2
4
4
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC1G125-Q1


Similar Part No. - SN74LVC1G125-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G125-Q1 TI-SN74LVC1G125-Q1 Datasheet
103Kb / 8P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125-Q1 TI1-SN74LVC1G125-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
SN74LVC1G125-Q1 TI1-SN74LVC1G125-Q1 Datasheet
1,019Kb / 23P
[Old version datasheet]   SN74LVC1G125-Q1 Single-BUS buffer gate with 3-state output
SN74LVC1G125-Q1 TI1-SN74LVC1G125-Q1_V01 Datasheet
1,019Kb / 23P
[Old version datasheet]   SN74LVC1G125-Q1 Single-BUS buffer gate with 3-state output
More results

Similar Description - SN74LVC1G125-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G126 TI1-SN74AUC1G126_07 Datasheet
559Kb / 14P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com