Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC405 Datasheet(PDF) 1 Page - Texas Instruments

Part # CLC405
Description  Low Cost, Low Power, 110MHz Op Amp with Disable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC405 Datasheet(HTML) 1 Page - Texas Instruments

  CLC405 Datasheet HTML 1Page - Texas Instruments CLC405 Datasheet HTML 2Page - Texas Instruments CLC405 Datasheet HTML 3Page - Texas Instruments CLC405 Datasheet HTML 4Page - Texas Instruments CLC405 Datasheet HTML 5Page - Texas Instruments CLC405 Datasheet HTML 6Page - Texas Instruments CLC405 Datasheet HTML 7Page - Texas Instruments CLC405 Datasheet HTML 8Page - Texas Instruments CLC405 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
OBSOLETE
CLC405
www.ti.com
SNOS815F – AUGUST 2000 – REVISED APRIL 2013
CLC405 Low Cost, Low Power, 110MHz Op Amp with Disable
Check for Samples: CLC405
1
FEATURES
DESCRIPTION
The CLC405 is a low cost, wideband (110MHz) op
2
Low Cost
amp featuring a TTL-compatible disable which quickly
Very Low Input Bias Current: 100nA
switches off in 18ns and back on in 40ns. While
High Input Impedance: 6M
disabled, the CLC405 has a very high input/output
impedance and its total power consumption drops to
110MHz
−3dB Bandwidth (Av=+2)
a mere 8mW. When enabled, the CLC405 consumes
Low Power: Icc=3.5mA
only 35mW and can source or sink an output current
Ultra Fast Enable/Disable Times
of 60mA. These features make the CLC405 a
versatile,
high
speed
solution
for
demanding
High Output Current: 60mA
applications that are sensitive to both power and cost.
APPLICATIONS
Utilizing
TI's
proven
architectures,
this
current
feedback amplifier surpasses the performance of
Desktop Video Systems
alternative solutions and sets new standards for low
Multiplexers
power at a low price. This power conserving op amp
Video Distribution
achieves low distortion with
−72dBc and −70dBc for
second and third harmonics respectively. Many high
Flash A/D Driver
source impedance applications will benefit from the
High Speed Switch/Driver
CLC405's
6M
input
impedance.
And
finally,
High Source Impedance Applications
designers
will
have
a
bipolar
part
with
an
exceptionally low 100nA non-inverting bias current.
Peak Detector Circuits
Professional Video Processing
With 0.1dB flatness to 50MHz and low differential
gain and phase errors, the CLC405 is an ideal part
High Resolution Monitors
for professional video processing and distribution.
However, the 110MHz
−3dB bandwidth (AV = +2)
Frequency Response (AV = +2V/V)
coupled with a 350V/µs slew rate also make the
CLC405
a
perfect
choice
in
cost
sensitive
applications such as video monitors, fax machines,
copiers, and CATV systems.
CONNECTION DIAGRAM
Figure 1. 8-Pin SOIC or PDIP
See D or P Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CLC405

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC405 NSC-CLC405 Datasheet
299Kb / 6P
   Low-Cost, Low-Power, 110MHz Op Amp with Disable
logo
Cadeka Microcircuits LL...
CLC4050 CADEKA-CLC4050 Datasheet
2Mb / 17P
   Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
logo
Exar Corporation
CLC4050 EXAR-CLC4050 Datasheet
1Mb / 17P
   Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
logo
Cadeka Microcircuits LL...
CLC4050ISO14X CADEKA-CLC4050ISO14X Datasheet
2Mb / 17P
   Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
logo
Exar Corporation
CLC4050ISO14X EXAR-CLC4050ISO14X Datasheet
1Mb / 17P
   Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
More results

Similar Description - CLC405

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC405 NSC-CLC405 Datasheet
299Kb / 6P
   Low-Cost, Low-Power, 110MHz Op Amp with Disable
logo
Analog Devices
AD810ARZ AD-AD810ARZ Datasheet
339Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810_17 Datasheet
549Kb / 17P
   Low Power Video Op Amp with Disable
AD810 AD-AD810_15 Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810 Datasheet
514Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
527Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD818 AD-AD818_10 Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818 Datasheet
353Kb / 12P
   Low Cost, Low Power Video Op Amp
REV. B
AD818 AD-AD818_03 Datasheet
924Kb / 16P
   Low Cost, Low Power Video Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com