Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML105S-15RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # ML105S-15RW
Description  Ultra-Compact, 1W Wide 2:1 Input, SMT DC/DC Con vert ers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML105S-15RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  ML105S-15RW Datasheet HTML 1Page - MicroPower Direct, LLC ML105S-15RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Notes:
1. The specified maximum capacitive load is for each
output.
2. When measuring output ripple, it is recommended
that an external 0.47 µF ceramic capacitor be placed
from +VOUT to -VOUT for single output models or from
each output to common for dual output models.
For noise sensitive applications, the use of 3.3 µF
capacitors will reduce the output ripple.
3. Transient recovery is measured to within a 1% error band
for a load step change of 75% to 100%.
4. The control input is current controlled. The unit
operates when this input is open. When the input is
“high” (current is flowing into the pin), the converter
shuts down. The input current to this pin should be
applied via a 1 k
resistor, and kept between 2 mA
to 4 mA. Connecting this input directly to ground
will not damage the converter.
5. The recommended reflow settings are a peak tem-
perature of 245 °C for a maximum period (TPK) of 10S
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the unit
Model
Number
Input
Output
Efficiency
(%, Typ)
Output
Capacitive
Load
(µF, Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
ML105S-05RW
5.0
4.5 - 9.0
256
40
5.0
200
0.0
78
1,680
500
ML105S-12RW
5.0
4.5 - 9.0
252
40
12.0
83
0.0
79
820
500
ML105S-15RW
5.0
4.5 - 9.0
248
40
15.0
67
0.0
81
680
500
ML105D-12RW
5.0
4.5 - 9.0
255
40
±12.0
±42
±0.0
79
470
500
ML105D-15RW
5.0
4.5 - 9.0
248
40
±15.0
±33
±0.0
80
330
500
ML112S-05RW
12
9.0 - 18.0
105
20
5.0
200
0.0
79
1,680
200
ML112S-12RW
12
9.0 - 18.0
105
20
12.0
83
0.0
79
820
200
ML112S-15RW
12
9.0 - 18.0
102
20
15.0
67
0.0
82
680
200
ML112D-12RW
12
9.0 - 18.0
104
20
±12.0
±42
±0.0
81
470
200
ML112D-15RW
12
9.0 - 18.0
103
20
±15.0
±33
±0.0
80
330
200
ML124S-05RW
24
18.0 - 36.0
53
10
5.0
200
0.0
79
1,680
100
ML124S-12RW
24
18.0 - 36.0
51
10
12.0
83
0.0
82
820
100
ML124S-15RW
24
18.0 - 36.0
51
10
15.0
67
0.0
82
680
100
ML124D-12RW
24
18.0 - 36.0
51
10
±12.0
±42
±0.0
82
470
100
ML124D-15RW
24
18.0 - 36.0
50
10
±15.0
±33
±0.0
82
330
100
ML148S-05RW
48
36.0 - 75.0
26
7
5.0
200
0.0
79
1,680
50
ML148S-12RW
48
36.0 - 75.0
26
7
12.0
83
0.0
80
820
50
ML148S-15RW
48
36.0 - 75.0
26
7
15.0
67
0.0
80
680
50
ML148D-12RW
48
36.0 - 75.0
26
7
±12.0
±42
±0.0
81
470
50
ML148D-15RW
48
36.0 - 75.0
25
7
±15.0
±33
±0.0
81
330
50
Pin
Single
Dual
1-VIN
-VIN
2
Remote On/Off
7NC
NC
8
NC
Common
9+VOUT
+VOUT
10
-VOUT
-VOUT
16
+VIN
+VIN
NC = No connection
Pin Connections
Board Layout
Derating Curve, All Other Outputs
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
and a time above liquidous (TL) of <60 seconds at 217
°C. For more information, please contact the factory.
6. Operation at no-load will not damage these units.
However, they may not meet all specifications.
7. The converter should be connected to a low ac-im-
pedance source. An input source with a highly
inductive impedance may affect the stability of the
converter. In applications where the converter output
loading is high and input power is supplied over long
lines, it may be necessary to use a capacitor on the
input to insure start-up.
In this case, it is recommended that a low ESR
(<1.0
 at 100 kHz) capacitor be mounted close to
the converter. For 24V input units a 4.7 µF is recom-
mended and for 48V input models, a 2.2 µF.
8. It is recommended that a fuse be used on the input
of a power supply for protection. See the table above
for the correct rating.


Similar Part No. - ML105S-15RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
ML105S03 MPD-ML105S03 Datasheet
305Kb / 2P
   ML100S SERIES
ML105S05 MPD-ML105S05 Datasheet
305Kb / 2P
   ML100S SERIES
ML105S05E MPD-ML105S05E Datasheet
291Kb / 2P
   ML100SE SERIES
ML105S05EI MPD-ML105S05EI Datasheet
291Kb / 2P
   ML100SEI SERIES
ML105S05ER MPD-ML105S05ER Datasheet
287Kb / 2P
   ML100SER SERIES
More results

Similar Description - ML105S-15RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
ML300RU MPD-ML300RU Datasheet
687Kb / 2P
   Ultra-Compact, 3W Wide 4:1 Input, SMT DC/DC Con vert ers
ML100MRI4 MPD-ML100MRI4 Datasheet
253Kb / 2P
   Medical Approved Compact SMT, 1W DC/DC Con vert ers
MR08XXRUI MPD-MR08XXRUI Datasheet
569Kb / 2P
   Ultra-Wide Input, 8W Compact DIP, Railway DC/DC Con vert ers
B2000RW MPD-B2000RW Datasheet
261Kb / 2P
   Compact 1 x 2 Inch 20W Wide Input Range DC/DC Con vert ers
MPV1560RI4 MPD-MPV1560RI4 Datasheet
603Kb / 5P
   Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
MPV1060RI4 MPD-MPV1060RI4 Datasheet
563Kb / 5P
   Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
MHI200LRI8 MPD-MHI200LRI8 Datasheet
552Kb / 2P
   Compact, 2W SMT Ultra-High Isolation DC/DC Con vert ers
MI2500RU MPD-MI2500RU Datasheet
805Kb / 4P
   Compact, 25W, 4:1 Input Range DC/DC Con vert ers
MB1500MRWRI4 MPD-MB1500MRWRI4 Datasheet
480Kb / 4P
   EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
MG600RU MPD-MG600RU Datasheet
462Kb / 2P
   Compact, 6W 4:1 Input, MiniDIP DC/DC Con vert ers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com