Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC412 Datasheet(PDF) 8 Page - Texas Instruments

Part # CLC412
Description  Dual Wideband Video Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC412 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CLC412 Datasheet HTML 4Page - Texas Instruments CLC412 Datasheet HTML 5Page - Texas Instruments CLC412 Datasheet HTML 6Page - Texas Instruments CLC412 Datasheet HTML 7Page - Texas Instruments CLC412 Datasheet HTML 8Page - Texas Instruments CLC412 Datasheet HTML 9Page - Texas Instruments CLC412 Datasheet HTML 10Page - Texas Instruments CLC412 Datasheet HTML 11Page - Texas Instruments CLC412 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
OBSOLETE
CLC412
SNOS833D – AUGUST 2000 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(TA = 25°C, VCC = ±5V, AV = ±2V/V, Rf = 634Ω, RL = 100Ω, Unless Specified).
Equivalent Input Noise
Total Input-Referred Noise vs. Gain
Figure 20.
Figure 21.
Differential Gain vs. Frequency
2nd Harmonic Distortion
Figure 22.
Figure 23.
Group Delay Variation
Differential Phase vs. Frequency
Figure 24.
Figure 25.
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: CLC412


Similar Part No. - CLC412

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC412 NSC-CLC412 Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
CLC412A8B NSC-CLC412A8B Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
CLC412A8L-2A NSC-CLC412A8L-2A Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
CLC412AIB NSC-CLC412AIB Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
CLC412AJE NSC-CLC412AJE Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
More results

Similar Description - CLC412

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
CLC412 NSC-CLC412 Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
AD828 AD-AD828_02 Datasheet
448Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828 AD-AD828_15 Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828ARZ AD-AD828ARZ Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com