Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML324S-15ERW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # ML324S-15ERW
Description  Low Cost, 3W SMT 2:1 Input Range DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML324S-15ERW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  ML324S-15ERW Datasheet HTML 1Page - MicroPower Direct, LLC ML324S-15ERW Datasheet HTML 2Page - MicroPower Direct, LLC ML324S-15ERW Datasheet HTML 3Page - MicroPower Direct, LLC ML324S-15ERW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
3W Output Power
2:1 Input Voltage Range
1,500 VDC Isolation
Compact SMT Case
Nine Standard Models
Short Circuit Protected
-40°C to +85°C Operation
Available On Tape/Reel
Low Cost
ML300ERW
Low Cost, 3W SMT
2:1 Input Range
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
12 VDC Input
9.0
12.0
18.0
VDC
24 VDC Input
18.0
24.0
36.0
48 VDC Input
36.0
48.0
75.0
Input Start Voltage
12 VDC Input
4.5
8.0
9.0
VDC
24 VDC Input
11.0
16.0
18.0
48 VDC Input
24.0
33.0
36.0
Input Filter
(Pi) Filter
Reflected Ripple Current
30
mA
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±3.0
%
Line Regulation
VIN = Min to Max
±0.2
±0.4
%
Load Regulation
IOUT = 5% to 100%
±0.2
±0.75
%
Ripple (20 MHz)
See Note 1
20
35
mV P - P
Noise (20 MHz)
See Note 1
45
60
mV P - P
Transient Recovery Time, See Note 2
25% Load Step Change
0.5
1.0
mSec
Transient Response Deviation
±2.0
±5.0
%
Temperature Coefficient
±0.02
±0.03
%/°C
Output Short Circuit, See Note 3
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 0.1V
1,000
pF
Switching Frequency
350
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Storage Temperature Range
-55
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Drawing (Page 4)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.183 Oz (5.2g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
12 VDC Input
-0.7
25.0
VDC
24 VDC Input
-0.7
50.0
48 VDC Input
-0.7
100.0
Peak Reflow Temperature
240
°C
Lead Temperature
1.5 mm From Case for 10 Sec
300
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Series


Similar Part No. - ML324S-15ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
ML324S-15RU MPD-ML324S-15RU Datasheet
687Kb / 2P
   Ultra-Compact, 3W Wide 4:1 Input, SMT DC/DC Con vert ers
More results

Similar Description - ML324S-15ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
F2000ERW MPD-F2000ERW Datasheet
225Kb / 2P
   Low Cost, Compact 20W, 2:1 Input Range DC/DC Converters
B1500ERW MPD-B1500ERW Datasheet
233Kb / 2P
   Low Cost, 1 x 2 Inch 15W, 2:1 Input Range DC/DC Converters
A300ERU MPD-A300ERU Datasheet
218Kb / 2P
   Low Cost, 4:1 Input 3W Single & Dual Output DC/DC Converters
MB1500ERU MPD-MB1500ERU Datasheet
722Kb / 4P
   Low Cost, 1 x 2 Inch 15W, 4:1 Input Range DC/DC Converters
B1000ERW MPD-B1000ERW Datasheet
200Kb / 2P
   Low Cost 1 x 2 Inch 10W Wide Input Range DC/DC Converters
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA Datasheet
198Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DA-3KVDC TOPPOWER-TP03DA-3KVDC Datasheet
198Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DB TOPPOWER-TP03DB Datasheet
200Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
logo
List of Unclassifed Man...
EC6A11 ETC2-EC6A11 Datasheet
137Kb / 3P
   7.5WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC6A CINCON-EC6A Datasheet
183Kb / 2P
   7.5WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com