Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9543APWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9543APWR
Description  TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9543APWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCA9543APWR Datasheet HTML 3Page - Texas Instruments TCA9543APWR Datasheet HTML 4Page - Texas Instruments TCA9543APWR Datasheet HTML 5Page - Texas Instruments TCA9543APWR Datasheet HTML 6Page - Texas Instruments TCA9543APWR Datasheet HTML 7Page - Texas Instruments TCA9543APWR Datasheet HTML 8Page - Texas Instruments TCA9543APWR Datasheet HTML 9Page - Texas Instruments TCA9543APWR Datasheet HTML 10Page - Texas Instruments TCA9543APWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TCA9543A
www.ti.com
SCPS206A – MARCH 2014 – REVISED FEBRUARY 2015
7.7 Switching Characteristics
over recommended operating free-air temperature range, CL ≤ 100 pF (unless otherwise noted) (see Figure 7)
FROM
TO
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
RON = 20 Ω, CL = 15 pF
0.3
tpd
(1)
Propagation delay time
SDA or SCL
SDn or SCn
ns
RON = 20 Ω, CL = 50 pF
1
tiv
Interrupt valid time(2)
INTn
INT
4
μs
tir
Interrupt reset delay time(2)
INTn
INT
2
μs
(1)
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
(2)
Data taken using a 4.7-k
Ω pullup resistor and 100-pF load (see Figure 7)
7.8 Interrupt and Reset Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 7)
PARAMETER
MIN
MAX
UNIT
tPWRL
Required low-level pulse duration of INTn inputs(1)
1
μs
tPWRH
Required high-level pulse duration of INTn inputs(1)
0.5
μs
tWL
Pulse duration, RESET low
4
ns
trst
(2)
RESET time (SDA clear)
500
ns
tREC
Recovery time from RESET to start
0
ns
(1)
The device has interrupt input rejection circuitry for pulses less than the listed minimum.
(2)
trst is the propagation delay measured from the time the RESET terminal is first asserted low to the time the SDA terminal is asserted
high, signaling a stop condition. It must be a minimum of tWL.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TCA9543A


Similar Part No. - TCA9543APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9544A TI1-TCA9544A Datasheet
892Kb / 29P
[Old version datasheet]   Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
TCA9544APWR TI1-TCA9544APWR Datasheet
892Kb / 29P
[Old version datasheet]   Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
TCA9545A TI1-TCA9545A Datasheet
914Kb / 30P
[Old version datasheet]   Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
TCA9545APWR TI1-TCA9545APWR Datasheet
914Kb / 30P
[Old version datasheet]   Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
TCA9546A TI1-TCA9546A Datasheet
982Kb / 31P
[Old version datasheet]   Low Voltage 4-Channel I2C and SMBus Switch with Reset Function
More results

Similar Description - TCA9543APWR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9543A NXP-PCA9543A_09 Datasheet
139Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
   2-channel I2C switch with interrupt logic and reset
2004 Oct 01
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
   4-channel I2C-bus switch with interrupt logic and reset
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
logo
Texas Instruments
PCA9543A TI-PCA9543A Datasheet
499Kb / 20P
[Old version datasheet]   TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
logo
Texas Instruments
TCA9545A TI1-TCA9545A Datasheet
914Kb / 30P
[Old version datasheet]   Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com