Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9554APWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9554APWR
Description  TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9554APWR Datasheet(HTML) 3 Page - Texas Instruments

  TCA9554APWR Datasheet HTML 1Page - Texas Instruments TCA9554APWR Datasheet HTML 2Page - Texas Instruments TCA9554APWR Datasheet HTML 3Page - Texas Instruments TCA9554APWR Datasheet HTML 4Page - Texas Instruments TCA9554APWR Datasheet HTML 5Page - Texas Instruments TCA9554APWR Datasheet HTML 6Page - Texas Instruments TCA9554APWR Datasheet HTML 7Page - Texas Instruments TCA9554APWR Datasheet HTML 8Page - Texas Instruments TCA9554APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
PW, DB, OR DBQ PACKAGE
(TOP VIEW)
VCC
TCA9554A
www.ti.com
SCPS196D – DECEMBER 2010 – REVISED AUGUST 2015
5 Pin Configuration and Functions
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
A0
1
I
Address input. Connect directly to VCC or ground.
A1
2
I
Address input. Connect directly to VCC or ground.
A2
3
I
Address input. Connect directly to VCC or ground.
P-port input/output. Push-pull design structure. At power on, P0 is configured
P0
4
I/O
as an input.
P-port input/output. Push-pull design structure. At power on, P1 is configured
P1
5
I/O
as an input.
P-port input/output. Push-pull design structure. At power on, P2 is configured
P2
6
I/O
as an input.
P-port input/output. Push-pull design structure. At power on, P3 is configured
P3
7
I/O
as an input.
GND
8
Ground
P-port input/output. Push-pull design structure. At power on, P4 is configured
P4
9
I/O
as an input.
P-port input/output. Push-pull design structure. At power on, P5 is configured
P5
10
I/O
as an input.
P-port input/output. Push-pull design structure. At power on, P6 is configured
P6
11
I/O
as an input.
P-port input/output. Push-pull design structure. At power on, P7 is configured
P7
12
I/O
as an input.
INT
13
O
Interrupt output. Connect to VCC through a pull-up resistor.
SCL
14
I
Serial clock bus. Connect to VCC through a pull-up resistor.
SDA
15
I/O
Serial data bus. Connect to VCC through a pull-up resistor.
VCC
16
Supply voltage
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TCA9554A


Similar Part No. - TCA9554APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554APWR TI1-TCA9554APWR Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
More results

Similar Description - TCA9554APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534 TI1-TCA9534_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A_16 Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9554A TI1-TCA9554A_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554 TI1-TCA9554_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com