Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6E0808C1C-12 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K6E0808C1C-12
Description  32Kx8 Bit High Speed CMOS Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6E0808C1C-12 Datasheet(HTML) 5 Page - Samsung semiconductor

  K6E0808C1C-12 Datasheet HTML 1Page - Samsung semiconductor K6E0808C1C-12 Datasheet HTML 2Page - Samsung semiconductor K6E0808C1C-12 Datasheet HTML 3Page - Samsung semiconductor K6E0808C1C-12 Datasheet HTML 4Page - Samsung semiconductor K6E0808C1C-12 Datasheet HTML 5Page - Samsung semiconductor K6E0808C1C-12 Datasheet HTML 6Page - Samsung semiconductor K6E0808C1C-12 Datasheet HTML 7Page - Samsung semiconductor K6E0808C1C-12 Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
K6E0808C1C-C
CMOS SRAM
PRELIMINARY
Rev 4.0
- 5 -
February 1998
WRITE CYCLE
Parameter
Symbol
K6E0808C1C-12
K6E0808C1C-15
K6E0808C1C-20
Unit
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
12
-
15
-
20
-
ns
Chip Select to End of Write
tCW
9
-
11
-
13
-
ns
Address Setup Time
tAS
0
-
0
-
0
-
ns
Address Valid to End of Write
tAW
9
-
12
-
13
-
ns
Write Pulse Width(OE High)
tWP
9
-
12
-
13
-
ns
Write Pulse Width(OE Low)
tWP1
12
-
15
-
20
-
ns
Write Recovery Time
tWR
0
-
0
-
0
-
ns
Write to Output High-Z
tWHZ
0
6
0
8
0
8
ns
Data to Write Time Overlap
tDW
7
-
8
-
10
-
ns
Data Hold from Write Time
tDH
0
-
0
-
0
-
ns
End Write to Output Low-Z
tOW
0
-
0
-
0
-
ns
Address
Data Out
Previous Valid Data
Valid Data
TIMMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS=OE=VIL, WE=VIH)
tAA
tRC
tOH
TIMING WAVEFORM OF READ CYCLE(2) (WE=VIH)
CS
Address
OE
Data out
tAA
tOLZ
tLZ(4,5)
tOH
tOHZ
tRC
tOE
tCO
tPU
tPD
Valid Data
tHZ(3,4,5)
50%
50%
VCC
Current
ICC
ISB


Similar Part No. - K6E0808C1C-12

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6E0808C1E SAMSUNG-K6E0808C1E Datasheet
181Kb / 9P
   32K x 8 Bit High-Speed CMOS Static RAM
K6E0808C1E-C SAMSUNG-K6E0808C1E-C Datasheet
181Kb / 9P
   32K x 8 Bit High-Speed CMOS Static RAM
K6E0808C1E-C10 SAMSUNG-K6E0808C1E-C10 Datasheet
181Kb / 9P
   32K x 8 Bit High-Speed CMOS Static RAM
K6E0808C1E-C12 SAMSUNG-K6E0808C1E-C12 Datasheet
181Kb / 9P
   32K x 8 Bit High-Speed CMOS Static RAM
K6E0808C1E-C15 SAMSUNG-K6E0808C1E-C15 Datasheet
181Kb / 9P
   32K x 8 Bit High-Speed CMOS Static RAM
More results

Similar Description - K6E0808C1C-12

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
logo
Weida Semiconductor, In...
WCMS0808C1X WEIDA-WCMS0808C1X Datasheet
222Kb / 10P
   32Kx8 Static RAM
logo
Samsung semiconductor
KM68V257C SAMSUNG-KM68V257C Datasheet
197Kb / 9P
   32Kx8 Bit High Speed Static RAM(3.3V Operating), Evolutionary Pin out.
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com