Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6E0808C1C-12 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K6E0808C1C-12
Description  32Kx8 Bit High Speed CMOS Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6E0808C1C-12 Datasheet(HTML) 6 Page - Samsung semiconductor

  K6E0808C1C-12 Datasheet HTML 1Page - Samsung semiconductor K6E0808C1C-12 Datasheet HTML 2Page - Samsung semiconductor K6E0808C1C-12 Datasheet HTML 3Page - Samsung semiconductor K6E0808C1C-12 Datasheet HTML 4Page - Samsung semiconductor K6E0808C1C-12 Datasheet HTML 5Page - Samsung semiconductor K6E0808C1C-12 Datasheet HTML 6Page - Samsung semiconductor K6E0808C1C-12 Datasheet HTML 7Page - Samsung semiconductor K6E0808C1C-12 Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
K6E0808C1C-C
CMOS SRAM
PRELIMINARY
Rev 4.0
- 6 -
February 1998
TIMING WAVEFORM OF WRITE CYCLE(1) (OE= Clock)
Address
CS
tWP(2)
tDW
tDH
Valid Data
WE
Data in
Data out
tWC
tWR(5)
tAW
tCW(3)
High-Z(8)
High-Z
OE
tOHZ(6)
tAS(4)
NOTES(READ CYCLE)
1. WE is high for read cycle.
2. All read cycle timing is referenced from the last valid address to the first transition address.
3. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit condition and are not referenced to VOH or VOL
levels.
4. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to
device.
5. Transition is measured
±200mV from steady state voltage with Load(B). This parameter is sampled and not 100% tested.
6. Device is continuously selected with CS=VIL.
7. Address valid prior to coincident with CS transition low.
8. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle.
TIMING WAVEFORM OF WRITE CYCLE(2) (OE=Low Fixed)
Address
CS
tWP1(2)
tDW
tDH
tOW
tWHZ(6)
Valid Data
WE
Data in
Data out
tWC
tAS(4)
tWR(5)
tAW
tCW(3)
(10)
(9)
High-Z(8)
High-Z


Similar Part No. - K6E0808C1C-12

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6E0808C1E SAMSUNG-K6E0808C1E Datasheet
181Kb / 9P
   32K x 8 Bit High-Speed CMOS Static RAM
K6E0808C1E-C SAMSUNG-K6E0808C1E-C Datasheet
181Kb / 9P
   32K x 8 Bit High-Speed CMOS Static RAM
K6E0808C1E-C10 SAMSUNG-K6E0808C1E-C10 Datasheet
181Kb / 9P
   32K x 8 Bit High-Speed CMOS Static RAM
K6E0808C1E-C12 SAMSUNG-K6E0808C1E-C12 Datasheet
181Kb / 9P
   32K x 8 Bit High-Speed CMOS Static RAM
K6E0808C1E-C15 SAMSUNG-K6E0808C1E-C15 Datasheet
181Kb / 9P
   32K x 8 Bit High-Speed CMOS Static RAM
More results

Similar Description - K6E0808C1C-12

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
logo
Weida Semiconductor, In...
WCMS0808C1X WEIDA-WCMS0808C1X Datasheet
222Kb / 10P
   32Kx8 Static RAM
logo
Samsung semiconductor
KM68V257C SAMSUNG-KM68V257C Datasheet
197Kb / 9P
   32Kx8 Bit High Speed Static RAM(3.3V Operating), Evolutionary Pin out.
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com