Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6E0808C1E-C Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K6E0808C1E-C
Description  32K x 8 Bit High-Speed CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6E0808C1E-C Datasheet(HTML) 9 Page - Samsung semiconductor

  K6E0808C1E-C Datasheet HTML 1Page - Samsung semiconductor K6E0808C1E-C Datasheet HTML 2Page - Samsung semiconductor K6E0808C1E-C Datasheet HTML 3Page - Samsung semiconductor K6E0808C1E-C Datasheet HTML 4Page - Samsung semiconductor K6E0808C1E-C Datasheet HTML 5Page - Samsung semiconductor K6E0808C1E-C Datasheet HTML 6Page - Samsung semiconductor K6E0808C1E-C Datasheet HTML 7Page - Samsung semiconductor K6E0808C1E-C Datasheet HTML 8Page - Samsung semiconductor K6E0808C1E-C Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
K6E0808C1E-C/E-L, K6E0808C1E-I/E-P
CMOS SRAM
Revision 2.0
- 9 -
Feburary 1999
For Cisco
PACKAGE DIMENSIONS
Units:millimeters/Inches
#1
28-SOJ-300
#28
18.41 ±0.12
0.725 ±0.005
+0.10
MAX
18.82
0.741
0.20
-0.05
+0.004
0.008
-0.002
6.86 ±0.25
0.270 ±0.010
MAX
0.148
3.76
MIN
0.69
0.027
1.30
(
)
0.051
(
)
0.051
#14
#15
0.95
(
)
0.0375
+0.10
0.43
-0.05
+0.004
0.017
-0.002
+0.10
0.71
-0.05
+0.004
0.028
-0.002
1.27
0.050
0.004
0.10 MAX
8.51 ±0.12
0.335 ±0.005
28-TSOP1-0813.4F
1.00 ±0.10
0.039 ±0.004
0.50
(
)
0.020
11.80 ±0.10
0.465 ±0.004
0.45 ~0.75
0.018 ~0.030
+0.10
0.15
-0.05
+0.004
0.006
-0.002
0~8
°
0.425
(
)
0.017
MIN
0.05
0.002
MAX
1.20
0.047
TYP
0.25
0.010
#28
#1
13.40 ±0.20
0.528 ±0.008
#15
#14
+0.10
0.20
-0.05
+0.004
0.008
-0.002
0.55
0.0217


Similar Part No. - K6E0808C1E-C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6E0808C1C SAMSUNG-K6E0808C1C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
K6E0808C1C-12 SAMSUNG-K6E0808C1C-12 Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
K6E0808C1C-15 SAMSUNG-K6E0808C1C-15 Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
K6E0808C1C-20 SAMSUNG-K6E0808C1C-20 Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
K6E0808C1C-C SAMSUNG-K6E0808C1C-C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
More results

Similar Description - K6E0808C1E-C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Sony Corporation
CXK58256 SONY-CXK58256 Datasheet
285Kb / 7P
   32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com