Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC375-1A-24S1NIL-X Datasheet(PDF) 2 Page - Picker Components

Part # PC375-1A-24S1NIL-X
Description  Low Profile Minature PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC375-1A-24S1NIL-X Datasheet(HTML) 2 Page - Picker Components

  PC375-1A-24S1NIL-X Datasheet HTML 1Page - Picker Components PC375-1A-24S1NIL-X Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC375
PC375
COIL DATA
Coil Voltage
5
6
9
12
24
48
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Coil Power
W
61
88
198
351
1405
5620
3.50
4.20
6.30
8.40
16.8
33.6
0.5
0.6
0.9
1.2
2.4
4.8
6.5
7.8
11.7
15.6
31.2
62.4
_
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Note: 1. The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2. Pickup and release voltage are for test purposes only and are not to be used as design criteria.
.590
(15)
.197
(5)
.197
(5)
.296
(7.5)
5 mm SPDT 12 AMP
.788
(20)
.137
(3.5)
(3.5)
.296
(7.5)
3.5 mm SPDT 12 Amp
.137
.590
(15)
.197
(5)
.197
(5)
.296
(7.5)
5 mm SPDT 16 Amp
5 mm DPDT 8 Amp
5 mm SPDT 16 Amp
5 mm SPDT 12 Amp
5 mm DPDT 8 Amp
3.5 mm SPDT 12 Amp
(29.0)
1.142
(15.7)
.618
(12.7)
.50
(29.0)
1.142
(15.7)
.618
(12.7)
.50
(3.6)
.142 Typ.
5 mm Version
3.5 mm Version
(1.3)
.051 Dia. Typ.
+ .010 unless otherwise noted
Contact Form C shown
On Contact Forms A & B Unused Pins are Omitted
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
Wiring Diagrams
110
29500
77.0
11.0
143.0
0.44
0.44
0.44
0.44
0.44
0.44
0.44
Rated
Max
(VDC)


Similar Part No. - PC375-1A-24S1NIL-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC375 PICKER-PC375 Datasheet
173Kb / 2P
   Low Profile Minature PCB Power Relay
PC3751A-12C1 PICKER-PC3751A-12C1 Datasheet
173Kb / 2P
   Low Profile Minature PCB Power Relay
PC3751A-12C1N PICKER-PC3751A-12C1N Datasheet
173Kb / 2P
   Low Profile Minature PCB Power Relay
PC3751A-12C1T PICKER-PC3751A-12C1T Datasheet
173Kb / 2P
   Low Profile Minature PCB Power Relay
PC3751A-12C2 PICKER-PC3751A-12C2 Datasheet
173Kb / 2P
   Low Profile Minature PCB Power Relay
More results

Similar Description - PC375-1A-24S1NIL-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC375 PICKER-PC375 Datasheet
173Kb / 2P
   Low Profile Minature PCB Power Relay
PC378 PICKER-PC378_14 Datasheet
171Kb / 2P
   Low Profile Minature PCB Power Relay
PC375 PICKER-PC375_14 Datasheet
159Kb / 2P
   Low Profile Minature PCB Power Relay
PC378 PICKER-PC378 Datasheet
170Kb / 2P
   Low Profile Minature PCB Power Relay
logo
Tyco Electronics
REL MACOM-REL Datasheet
148Kb / 2P
   Minature PCB Relay
logo
Picker Components
PC466 PICKER-PC466 Datasheet
194Kb / 2P
   Ultra Slim Minature PCB Power Relay
PC384 PICKER-PC384 Datasheet
174Kb / 2P
   10 Amp Minature PCB Power Relay
PC379 PICKER-PC379 Datasheet
178Kb / 2P
   20 Amp Minature PCB Power Relay
PC454 PICKER-PC454 Datasheet
186Kb / 2P
   25 Amp Minature PCB Power Relay
PC354 PICKER-PC354 Datasheet
169Kb / 2P
   25 Amp Minature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com