Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS181 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS181
Description  TMDS181x 6 Gbps TMDS Retimer
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMDS181 Datasheet HTML 6Page - Texas Instruments TMDS181 Datasheet HTML 7Page - Texas Instruments TMDS181 Datasheet HTML 8Page - Texas Instruments TMDS181 Datasheet HTML 9Page - Texas Instruments TMDS181 Datasheet HTML 10Page - Texas Instruments TMDS181 Datasheet HTML 11Page - Texas Instruments TMDS181 Datasheet HTML 12Page - Texas Instruments TMDS181 Datasheet HTML 13Page - Texas Instruments TMDS181 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
TMDS181, TMDS181I
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
www.ti.com
6.8 DDC, I
2C, HPD, and ARC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
DDC AND I2C
SCL/SDA_CTL, SCL/SDA_SRC low-
VIL
0.3xVCC
V
level input voltage
SCL/SDA_CTL, SCL/SDA_SRC input
0.7xVCC
VCC + 0.5
V
voltage
VIH
SCL/SDA_SNK
2.8
V
SCL/SDA_CTL, SCL/SDA_SRC,
I0 = 3 mA and VCC > 2 V
0.4
VOL
SCL/SDA_SNK low-level output
V
I0 = 3 mA and VCC < 2 V
0.2VCC
voltage
HPD
VIH
High-level input voltage
HPD_SNK
2.1
V
VIL
Low-level input voltage
HPD_SNK
0.8
V
VOH
High-level output voltage
IOH = –500 µA; HPD_SRC,
2.4
3.6
V
VOL
Low-level output voltage
IOL = 500 µA; HPD_SRC,
0
0.1
V
VCC = 0 V; VDD = 0 V; HPD_SNK =
ILEAK
Failsafe condition leakage current
40
μA
5 V;
Device powered; VIH = 5 V;
IH_HPD includes RpdHPD resistor
40
current
IH_HPD
High-level input current
µA
Device powered; VIL = 0.8 V;
IL_HPD includes RpdHPD resistor
30
current
RpdHPD
HPD input termination to GND
VCC = 0 V
150
190
220
k
SPDIF AND ARC
Operating DC voltage for single mode
VEL
Test at ARC_OUT, see Figure 22
0
5
V
ARC output
VIN_DC
Operating DC voltage for SPDIF input
0.05
V
VSP_SW
Signal amplitude of SPDIF input
0.2
0.5
0.6
V
Test at ARC_OUT, 55
Ω external
VElSWING
Signal amplitude on the ARC output
0.4
0.5
0.6
V
termination resistor, see Figure 22
5.645
CLK_ARC
Signal frequency on ARC
Test at ARC_OUT, see Figure 22
3.687
13.517
MHz
±0.1%
Duty cycle
Output clock duty cycle
45%
50%
55%
Data rate
SPDIF input DR
7.373
11.29
27.034
Mbps
tEDGE
Rise/fall time for ARC output
From 10% to 90% voltage level
0.4
UI
Input termination resistance for
R_IN_SPDIF
75
Ω
SPDIF
Single mode output termination
0.1 MHz to 128× the maximum
Rest
36
55
75
Ω
resistance
frame rate
(1)
The typical rating is simulated at 3.3 V VCC and 1.2 V VDD and at 27°C unless otherwise noted
(2)
The maximum rating is simulated at 3.465 V VCC and 1.27 V VDD and at 85°C unless otherwise noted
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMDS181 TMDS181I


Similar Part No. - TMDS181

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS181 TI1-TMDS181 Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
TMDS181I TI1-TMDS181I Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
TMDS181IRGZR TI1-TMDS181IRGZR Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
TMDS181IRGZT TI1-TMDS181IRGZT Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
TMDS181RGZR TI1-TMDS181RGZR Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
More results

Similar Description - TMDS181

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
TDP158 TI1-TDP158 Datasheet
1Mb / 55P
[Old version datasheet]   6-Gbps, AC-Coupled to TMDS or HDMI Redriver
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
DS250DF410 TI1-DS250DF410 Datasheet
351Kb / 10P
[Old version datasheet]   25 Gbps Multi-Rate 4-Channel Retimer
DS250DF210 TI1-DS250DF210 Datasheet
899Kb / 12P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com