Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS181IRGZT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS181IRGZT
Description  TMDS181x 6 Gbps TMDS Retimer
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181IRGZT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMDS181IRGZT Datasheet HTML 2Page - Texas Instruments TMDS181IRGZT Datasheet HTML 3Page - Texas Instruments TMDS181IRGZT Datasheet HTML 4Page - Texas Instruments TMDS181IRGZT Datasheet HTML 5Page - Texas Instruments TMDS181IRGZT Datasheet HTML 6Page - Texas Instruments TMDS181IRGZT Datasheet HTML 7Page - Texas Instruments TMDS181IRGZT Datasheet HTML 8Page - Texas Instruments TMDS181IRGZT Datasheet HTML 9Page - Texas Instruments TMDS181IRGZT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
TMDS181, TMDS181I
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
www.ti.com
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage nominal value 3.3 V
3.135
3.3
3.465
V
VDD
Supply voltage nominal value 1.2 V
1.1
1.2
1.27
V
TCASE
Case temperature
92.7
°C
TMDS181
0
85
°C
Operating free-air
TA
temperature
TMDS181I
–40
85
°C
MAIN LINK DIFFERENTIAL PINS
VID_PP
Peak-to-peak input differential voltage
75
1560
mVpp
VCC +
VIC
Input common mode voltage
VCC – 0.4
V
0.1
dR
Data rate
0.25
6
Gbps
RVSADJ
TMDS compliant swing voltage bias resistor nominal
4.5
7.06
k
DDC, I2C, HPD, AND CONTROL PINS
HDP_SNK, SDA_SNK, SCL_SNK, SDA_SRC, SCL_SRC
–0.3
5.5
VI-DC
DC input voltage
V
All other local I2C, and control pins
–0.3
3.6
0.3 ×
VIL
Low-level input voltage at DDC/I2C
V
VCC
Low-level input voltage at PRE_SEL, EQ_SEL/A0, TX_TERM_CTL, SWAP/POL
VIL
(1)
0.3
V
pins only
Mid-level input voltage at PRE_SEL, EQ_SEL/A0, TX_TERM_CTL, SWAP/POL
VIM
(1)
1
1.2
1.4
V
pins only
High-level input voltage at PRE_SEL, EQ_SEL/A0, TX_TERM_CTL, SWAP/POL
VIH
(1)
2.6
V
pins only
High-level input voltage at SDA_SNK, SCL_SNK
2.8
VIH
High-level input voltage at I2C and SDA_SRC, SCL_SRC
1.8
V
High-level input voltage at HPD, OE
2
VOL
Low-level output voltage
0.4
V
VOH
High-level output voltage
2.4
V
ƒSCL
SCL clock frequency fast I2C mode for local I2C control
400
kHz
Cbus
Total capacitive load for each bus line (DDC and local I2C terminals)
400
pF
dR(DDC)
DDC data rate
100
400
kbps
IIH
High-level input current
–30
30
µA
IIL
Low-level input current
–25
25
µA
IOS
Short-circuit output current
–50
50
mA
IOZ
High impedance output current
10
µA
ROEPU
Pullup resistance on OE pin
150
250
k
(1)
These values are based upon a microcontroller driving the control pins. The pullup/pulldown/floating resistor configuration will set the
internal bias to the proper voltage level which will not match the values shown here.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMDS181 TMDS181I


Similar Part No. - TMDS181IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS181IRGZT TI1-TMDS181IRGZT Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
More results

Similar Description - TMDS181IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
TDP158 TI1-TDP158 Datasheet
1Mb / 55P
[Old version datasheet]   6-Gbps, AC-Coupled to TMDS or HDMI Redriver
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
DS250DF410 TI1-DS250DF410 Datasheet
351Kb / 10P
[Old version datasheet]   25 Gbps Multi-Rate 4-Channel Retimer
DS250DF210 TI1-DS250DF210 Datasheet
899Kb / 12P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com