Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65632 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS65632
Description  TPS65632 Triple-Output AMOLED Display Power Supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65632 Datasheet(HTML) 5 Page - Texas Instruments

  TPS65632_15 Datasheet HTML 1Page - Texas Instruments TPS65632_15 Datasheet HTML 2Page - Texas Instruments TPS65632_15 Datasheet HTML 3Page - Texas Instruments TPS65632_15 Datasheet HTML 4Page - Texas Instruments TPS65632_15 Datasheet HTML 5Page - Texas Instruments TPS65632_15 Datasheet HTML 6Page - Texas Instruments TPS65632_15 Datasheet HTML 7Page - Texas Instruments TPS65632_15 Datasheet HTML 8Page - Texas Instruments TPS65632_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPS65632
www.ti.com
SLVSCY2 – MARCH 2015
7.5 Electrical Characteristics
VI = 3.7 V, CTRL = 3.7 V, EN = 3.7 V, VPOS = 4.6 V, VNEG = –4.0 V, AVDD = 7.7 V, TJ = –40°C to 85°C, typical values are at TJ
= 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT AND THERMAL PROTECTION
VI
Input voltage range
2.9
3.7
4.5
V
Shutdown current
CTRL = GND, EN = GND, sum of current flowing into
ISD
0.25
5
µA
AVIN and PVIN
VI falling
1.8
2.1
V
VUVLO
Under-voltage lockout threshold
VI rising
2.1
2.5
V
BOOST CONVERTER 1 (VPOS)
Positive output 1 voltage
4.6
V
VPOS
25°C
≤ TA ≤ 85°C, No load
–0.5%
0.5%
Positive output 1 voltage
variation
–30°C
≤ TA ≤ 85°C, No load
–0.8%
0.8%
rDS(on)1A Switch on-resistance
200
m
Ω
I(SWP1) = 200 mA
rDS(on)1B Rectifier on-resistance
350
m
Ω
fSW1
Switching frequency
IPOS = 200mA
1.7
MHz
ISW1
Switch current limit
Inductor valley current
0.8
1
1.4
A
VSCP1
Short-circuit threshold in
VPOS falling
3.95
4.10
4.28
V
operation
tSCP1
Short-circuit detection time in
3
ms
operation
V(OUTP1) – V(FBS) increasing
200
300
550
mV
VT
Output voltage sense threshold
V(OUTP1) – V(FBS) decreasing
100
200
450
mV
R(FBS)
FBS pin pull-down resistance
2
4
6
M
Ω
RDCHG1
Discharge resistance
CTRL = GND, I(SWP1) = 1mA
10
30
70
Ω
Line regulation
IPOS = 200mA
0.01
%/V
Load regulation
1 mA
≤ IPOS ≤ 300 mA
0.007
%/A
INVERTING BUCK-BOOST CONVERTER (VNEG)
Output voltage default
–4.0
V
Output voltage range
–1.4
–5.4
VNEG
25°C
≤ TA ≤ 85°C, no load
–50
50
Output voltage accuracy
mV
–30°C
≤ TA ≤ 85°C, no load
–60
60
rDS(on)2A SWN MOSFET on-resistance
200
m
Ω
I(SWN) = 200 mA
SWN MOSFET rectifier on-
rDS(on)2B
300
m
Ω
resistance
fSW2
SWN Switching frequency
INEG = 10 mA
1.7
MHz
ISW2
SWN switch current limit
VI = 2.9 V
1.5
2.2
3
A
Short circuit threshold in
Voltage increase from nominal VNEG
300
500
700
mV
operation
VSCP2
Short circuit threshold in start up
180
200
230
mV
Short circuit detection time in
10
ms
start up
tSCP2
Short circuit detection time in
3
ms
operation
RDCHG2
Discharge resistance
CTRL = GND, I(SWN) = 1 mA
130
150
170
Ω
Line regulation
INEG = 200 mA
0.004
%/V
Load regulation
0.1
%/A
BOOST CONVERTER 2 (AVDD)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS65632_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65632 TI1-TPS65632_16 Datasheet
1Mb / 28P
[Old version datasheet]   Triple-Output AMOLED Display Power Supply
More results

Similar Description - TPS65632_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65632 TI1-TPS65632_16 Datasheet
1Mb / 28P
[Old version datasheet]   Triple-Output AMOLED Display Power Supply
TPS65651 TI1-TPS65651_15 Datasheet
232Kb / 9P
[Old version datasheet]   TPS65651 Triple-Output AMOLED Display Power Supply
TPS65631 TI1-TPS65631 Datasheet
1Mb / 25P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65138 TI1-TPS65138_16 Datasheet
1Mb / 22P
[Old version datasheet]   Dual output AMOLED Display Power Supply
TPS65631W TI1-TPS65631W Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65137ADSCR TI-TPS65137ADSCR Datasheet
979Kb / 22P
[Old version datasheet]   200mA Dual Output AMOLED Display Power
TPS65137AS TI1-TPS65137AS Datasheet
1,007Kb / 20P
[Old version datasheet]   250mA Dual Outputs AMOLED Display Power Supply
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
   Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
logo
ON Semiconductor
NCP5810D ONSEMI-NCP5810D Datasheet
361Kb / 14P
   Dual 1 W Output AMOLED Driver Supply
March, 2008 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com