Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65632 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS65632
Description  TPS65632 Triple-Output AMOLED Display Power Supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65632 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65632_15 Datasheet HTML 7Page - Texas Instruments TPS65632_15 Datasheet HTML 8Page - Texas Instruments TPS65632_15 Datasheet HTML 9Page - Texas Instruments TPS65632_15 Datasheet HTML 10Page - Texas Instruments TPS65632_15 Datasheet HTML 11Page - Texas Instruments TPS65632_15 Datasheet HTML 12Page - Texas Instruments TPS65632_15 Datasheet HTML 13Page - Texas Instruments TPS65632_15 Datasheet HTML 14Page - Texas Instruments TPS65632_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
CTRL
VPOS
VNEG
10 ms (typ.)
EN
AVDD
TPS65632
www.ti.com
SLVSCY2 – MARCH 2015
Figure 6. Start-Up Sequence
8.3.5 Enable (CTRL)
The CTRL pin serves two functions: one is to enable and disable the device, and the other is to program the
output voltage (VNEG) of the inverting buck-boost converter (see Programming VNEG). If the VNEG programming
function is not required the CTRL pin can be used as a standard enable pin for the device, which will start up
with its default value of –4.0 V on VNEG. The device is enabled when CTRL is pulled high and disabled when
CTRL is pulled low.
Note that to ensure proper start up CTRL must be pulled low for a minimum of 200 µs before being pulled high
again.
8.3.6 Undervoltage Lockout
The device features an undervoltage lockout function that disables it when the input supply voltage is too low for
proper operation.
8.3.7 Short-Circuit Protection
8.3.7.1 Short Circuits During Operation
The device is protected against short circuits of VPOS and VNEG to ground and short circuit of these two outputs to
each other. During normal operation an error condition is detected if VPOS falls below 4.1 V for longer than 3 ms
or VNEG is pulled above the programmed nominal output by 500 mV for longer than 3 ms. In either case the
device goes into shutdown and the outputs are disconnected from the input. This state is latched, and to resume
normal operation, VI has to cycle below the undervoltage lockout threshold, or CTRL has to toggle LOW and then
HIGH.
8.3.7.2 Short Circuits During Start Up
During start up an error condition is detected in the following cases:
VPOS is not in regulation 10 ms after CTRL goes HIGH
VNEG is higher than threshold level 10 ms after CTRL goes HIGH
VNEG is not in regulation 20 ms after CTRL goes HIGH
whitespace
If any of the above conditions is met the device goes into shutdown and the outputs are disconnected from the
input. This state is latched, and to resume normal operation VI has to cycle below the undervoltage threshold, or
CTRL has to toggle LOW and HIGH.
8.3.8 Output Discharge During Shut Down
The device discharges outputs during shutdown. Figure 7 shows the discharge control.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS65632_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65632 TI1-TPS65632_16 Datasheet
1Mb / 28P
[Old version datasheet]   Triple-Output AMOLED Display Power Supply
More results

Similar Description - TPS65632_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65632 TI1-TPS65632_16 Datasheet
1Mb / 28P
[Old version datasheet]   Triple-Output AMOLED Display Power Supply
TPS65651 TI1-TPS65651_15 Datasheet
232Kb / 9P
[Old version datasheet]   TPS65651 Triple-Output AMOLED Display Power Supply
TPS65631 TI1-TPS65631 Datasheet
1Mb / 25P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65138 TI1-TPS65138_16 Datasheet
1Mb / 22P
[Old version datasheet]   Dual output AMOLED Display Power Supply
TPS65631W TI1-TPS65631W Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65137ADSCR TI-TPS65137ADSCR Datasheet
979Kb / 22P
[Old version datasheet]   200mA Dual Output AMOLED Display Power
TPS65137AS TI1-TPS65137AS Datasheet
1,007Kb / 20P
[Old version datasheet]   250mA Dual Outputs AMOLED Display Power Supply
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
   Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
logo
ON Semiconductor
NCP5810D ONSEMI-NCP5810D Datasheet
361Kb / 14P
   Dual 1 W Output AMOLED Driver Supply
March, 2008 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com